Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS16 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CMS16
Description  Switching Mode Power Supply Applications Portable Equipment Battery Applications DC-DC Converter Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS16 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CMS16 Datasheet HTML 1Page - Toshiba Semiconductor CMS16 Datasheet HTML 2Page - Toshiba Semiconductor CMS16 Datasheet HTML 3Page - Toshiba Semiconductor CMS16 Datasheet HTML 4Page - Toshiba Semiconductor CMS16 Datasheet HTML 5Page - Toshiba Semiconductor CMS16 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CMS16
2010-08-09
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 1.0 A (pulse test)
⎯
0.40
⎯
Peak forward voltage
VFM (2)
IFM = 3.0 A (pulse test)
⎯
0.50
0.55
V
IRRM (1)
VRRM = 5 V (pulse test)
⎯
2.0
⎯
Peak repetitive reverse current
IRRM (2)
VRRM = 40 V (pulse test)
⎯
26
200
μA
Junction capacitance
Cj
VR = 10 V, f = 1.0 MHz
⎯
95
⎯
pF
Device mounted on a ceramic board
(board size: 50 mm
× 50 mm)
(soldering land: 2 mm
× 2 mm)
(board thickness: 0.64 mm)
⎯
⎯
60
Device mounted on a glass-epoxy board
(board size: 50 mm
× 50 mm)
(soldering land: 6 mm
× 6 mm)
(board thickness: 1.6 mm)
⎯
⎯
135
Thermal resistance
(junction to ambient)
Rth (j-a)
Device mounted on a glass-epoxy board
(board size: 50 mm
× 50 mm)
(soldering land: 2.1 mm
× 1.4 mm)
(board thickness: 1.6 mm)
⎯
⎯
210
°C/W
Thermal resistance
(junction to lead)
Rth (j-ℓ)
⎯
⎯
⎯
16
°C/W
Marking
Abbreviation Code
Part No.
SF
CMS16
Land pattern dimensions for reference only
3.0
1.4
Unit: mm
1.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com