Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1852 Datasheet (PDF) - Dallas Semiconductor

DS1852 Datasheet PDF - Dallas Semiconductor
Part # DS1852
Download  DS1852 Download
File Size   263.48 Kbytes
Page   25 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Optical Transceiver Diagnostic Monitor

DS1852 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1852 Datasheet PDF - Dallas Semiconductor

Part # DS1852
Download  DS1852 Click to download

File Size   263.48 Kbytes
Page   25 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Optical Transceiver Diagnostic Monitor

DS1852 Datasheet (HTML) - Dallas Semiconductor


DS1852 Product details

DESCRIPTION
The DS1852 transceiver monitor manages all system monitoring functions in a fiber optic data transceiver module, in accordance with proposal SFF-8472. Its functions include 2-wire communications with the host system, EEPROM memory for identification, tracking, and calibration, an ADC with four muxing inputs, three fast comparators, and a temperature sensor to monitor an optical transceiver. The DS1852 has programmable alarm and warning flags for all four analog-to-digital (A/D) conversion values (three user analog inputs plus supply voltage) as well as the temperature. These conditions can be used to determine critical parameters inside each module. The three fast comparators have temperature-compensated programmability. The temperature dependencies of the trip points aid in assessing critical conditions.

FEATURES
■ Implements proposals of SFF-8472 at device address A2h
    [Note: requires use of external EEPROM at address A0h for full compliance.]
■ Scaleable four-input muxing analog-to-digital converter (ADC)
■ Direct-to-digital temperature converter
■ Programmable alarm and warning conditions
■ Temperature-compensated, programmable three-input muxing fast comparator
■ Access temperature, data, and device control through a 2-wire interface
■ Operates from 3V or 5V supplies
■ Packaging: 25-ball BGA
■ Operating temperature: -40°C to +100°C
■ Programming temperature: 0°C to +70°C
■ Three levels of security
■ 127 bytes EEPROM for security level 1
■ 128 bytes EEPROM for security level 2
■ Address space is GBIC compliant (with use of external EEPROM at device address A0h)




Similar Part No. - DS1852

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1852 MAXIM-DS1852 Datasheet
392Kb / 26P
Optical Transceiver Diagnostic Monitor
011906
More results


Similar Description - DS1852

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
WTFA11GDPS100T MURATA-WTFA11GDPS100T Datasheet
39Kb / 1P
Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R5APZ AVAGO-AFBR-57R5APZ Datasheet
288Kb / 19P
Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625 GBd, RoHS Compliant Optical Transceiver
AFCT-57J7ATPZ AVAGO-AFCT-57J7ATPZ Datasheet
248Kb / 17P
Compatible, Digital Diagnostic Optical Transceiver
logo
OPLINK Communications I...
S0313-TRPV3GKERX000XXG OPLINK-S0313-TRPV3GKERX000XXG Datasheet
284Kb / 6P
CWDM Optical Transceiver
logo
List of Unclassifed Man...
GP2W0118YP0F ETC2-GP2W0118YP0F Datasheet
749Kb / 17P
OPTICAL DATACOMMUNICATION TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57L5AP AVAGO-AFBR-57L5AP Datasheet
326Kb / 19P
Optical Transceiver
AFBR-57M5APZ AVAGO-AFBR-57M5APZ_15 Datasheet
286Kb / 19P
Digital Diagnostic Optical Transceiver
AFCT-57J7ATPZ AVAGO-AFCT-57J7ATPZ_15 Datasheet
248Kb / 17P
RoHS OBSAI/CPRI Compatible, Digital Diagnostic Optical Transceiver
HFBR-59L1ALZ AVAGO-HFBR-59L1ALZ Datasheet
447Kb / 14P
Optical Transceiver
logo
Maxim Integrated Produc...
DS1852 MAXIM-DS1852 Datasheet
392Kb / 26P
Optical Transceiver Diagnostic Monitor
011906
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com