Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1852 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1852
Description  Optical Transceiver Diagnostic Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1852 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1852 Datasheet HTML 1Page - Dallas Semiconductor DS1852 Datasheet HTML 2Page - Dallas Semiconductor DS1852 Datasheet HTML 3Page - Dallas Semiconductor DS1852 Datasheet HTML 4Page - Dallas Semiconductor DS1852 Datasheet HTML 5Page - Dallas Semiconductor DS1852 Datasheet HTML 6Page - Dallas Semiconductor DS1852 Datasheet HTML 7Page - Dallas Semiconductor DS1852 Datasheet HTML 8Page - Dallas Semiconductor DS1852 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DS1852
4 of 25
DEVICE OPERATION
Security
To prevent accidental overwrites of key device data, a data lockout feature is incorporated. A 32-bit
password provides access to the “manufacturer” memory locations. These locations are in addition to the
unprotected “user” memory locations:
1) User—This is the default state after power-up; it allows read access to standard IEEE identity table
and standard monitoring and status functions.
2) Manufacturer Level 1—This allows access to customer data table and some selected setups (password
1).
3) Manufacturer Level 2—This allows access to all memory, settings, and features (password 2).
The level 1 password is located in Table 03h EEPROM (bytes D3h to D6h) and may be changed by
gaining access through the level 2 password.
The level 2 password is set in protected EEPROM and is programmed during factory test.
During power-up, the 32-bit password entry (addresses 7Bh to 7Eh) is set to all 1s. This is the value that
is compared to the level 1 password entry in Table 03h to grant level 1 access. Therefore, the level 1
password should not be set to all 1s or the user will gain level 1 access after each power-on.
By default, both passwords are factory preset to 00h.
To gain access to a security level, a 4-byte password is written into Table 00h, bytes 7Bh to 7Eh. If the
written data matches one of the passwords, that corresponding level of access is granted until the
password entry is changed or the power is cycled. Entering the level 2 password allows access to both
the level 1 data and the level 2 data. The 4-byte password is write-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com