Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1852 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1852
Description  Optical Transceiver Diagnostic Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1852 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1852 Datasheet HTML 17Page - Dallas Semiconductor DS1852 Datasheet HTML 18Page - Dallas Semiconductor DS1852 Datasheet HTML 19Page - Dallas Semiconductor DS1852 Datasheet HTML 20Page - Dallas Semiconductor DS1852 Datasheet HTML 21Page - Dallas Semiconductor DS1852 Datasheet HTML 22Page - Dallas Semiconductor DS1852 Datasheet HTML 23Page - Dallas Semiconductor DS1852 Datasheet HTML 24Page - Dallas Semiconductor DS1852 Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DS1852
21 of 25
AC ELECTRICAL CHARACTERISTICS
(-40°C to +100°C, VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL CONDITIONS
MIN
TYP MAX UNITS NOTES
SCL Clock
Frequency
f
SCL
Fast Mode
Standard Mode
0
0
400
100
kHz
7
Bus Free Time
Between STOP and
START Condition
t
BUF
Fast Mode
Standard Mode
1.3
4.7
µs
7
Hold Time
(Repeated)
START Condition
t
HD:STA
Fast Mode
Standard Mode
0.6
4.0
µs
7, 8
Low Period of SCL
Clock
t
LOW
Fast Mode
Standard Mode
1.3
4.7
µs
7
High Period of SCL
Clock
t
HIGH
Fast Mode
Standard Mode
0.6
4.0
µs
7
Data Hold Time
t
HD:DAT
Fast Mode
Standard Mode
0
0
0.9
µs
7, 9, 10
Data Setup Time
t
SU:DAT
Fast Mode
Standard Mode
100
250
ns
7
Start Setup Time
t
SU:STA
Fast Mode
Standard Mode
0.6
4.7
µs
7
Rise Time of Both
SDA and SCL
Signals
t
R
Fast Mode
Standard Mode
20+0.1C
B
300
1000
ns
11
Fall Time of Both
SDA and SCL
Signals
t
F
Fast Mode
Standard Mode
20+0.1C
B
300
300
ns
11
Setup Time for STOP
Condition
tSU:STO
Fast Mode
Standard Mode
0.6
4.0
µs
Capacitive Load for
Each Bus Line
C
B
400
pF
11
Startup Time
tST
2ms
5
VCC Power-Up Rate
1
V/s
EEPROM Write
Time
tW
10
20
ms
6
NONVOLATILE MEMORY CHARACTERISTICS
PARAMETER
SYMBOL CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Writes
+85°C
50,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com