Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC452 Datasheet (PDF) - COSMO Electronics Corporation

KPC452 Datasheet PDF - COSMO  Electronics Corporation
Part # KPC452_15
Download  KPC452 Download
File Size   215.31 Kbytes
Page   10 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER

KPC452 Datasheet (PDF)

Go To PDF Page Download Datasheet
KPC452 Datasheet PDF - COSMO  Electronics Corporation

Part # KPC452_15
Download  KPC452 Click to download

File Size   215.31 Kbytes
Page   10 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER

KPC452 Datasheet (HTML) - COSMO Electronics Corporation


KPC452 Product details

Description
The KPC452 consist of a photo darlington optically coupled to a gallium arsenide infrared-emitting diodes in a 4-pin Mini-Flat package. Collector-emitter voltage is 300V. The input-output isolation voltage is rated at 3750 Vrms..

Features
1. Halogen free
2. Pb free and RoHS compliant
3. Mini-flat package: compact 4 pin SOP with a 2.0mm profile
4. High collector-emitter voltage (VCEO : 300V)
5. High current transfer ratio
   (CTR : MIN.1000% at IF =1mA,VCE =2V)
6. High isolation voltage between input and output (Viso:3750Vrms)
7. MSL class 1
8. Agency Approvals:
   • UL Approved (No. E169586): UL1577
   • c-UL Approved (No. E169586)
   • VDE Approved (No. 40014684): DIN EN 60747-5-5
   • FIMKO Approved: EN60065, EN60950
   • CQC Approved: GB8898-2011, GB4943.1-2011
  
Applications
• Telephone sets
• Copiers, facsimiles
• Interfaces with various power supply circuits, power distribution boards
• Hybrid substrates which require high density mounting




Similar Part No. - KPC452_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC452 COSMO-KPC452_12 Datasheet
119Kb / 6P
Pb free and RoHS compliant.
More results


Similar Description - KPC452_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP4010 COSMO-KP4010_15 Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
KPC354NT COSMO-KPC354NT_15 Datasheet
223Kb / 10P
4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC355NT COSMO-KPC355NT_15 Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC357NT COSMO-KPC357NT_16 Datasheet
334Kb / 10P
4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC815 COSMO-KPC815_15 Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
KPS2806 COSMO-KPS2806_15 Datasheet
228Kb / 10P
4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2832 COSMO-KPS2832_15 Datasheet
221Kb / 10P
4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT1200 COSMO-KT1200_16 Datasheet
319Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1400 COSMO-KT1400_16 Datasheet
178Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1410 COSMO-KT1410_16 Datasheet
223Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com