Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC452 Datasheet (PDF) - COSMO Electronics Corporation

KPC452 Datasheet PDF - COSMO  Electronics Corporation
Part # KPC452_12
Download  KPC452 Download
File Size   119.25 Kbytes
Page   6 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description Pb free and RoHS compliant.

KPC452 Datasheet (PDF)

Go To PDF Page Download Datasheet
KPC452 Datasheet PDF - COSMO  Electronics Corporation

Part # KPC452_12
Download  KPC452 Click to download

File Size   119.25 Kbytes
Page   6 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description Pb free and RoHS compliant.

KPC452 Datasheet (HTML) - COSMO Electronics Corporation


KPC452 Product details

● Features
1. Halogen Free.
2. Pb free and RoHS compliant.
3. Mini-flat package:
   compact 4 pin SOP with a 2.0mm profile.
4. High collector-emitter voltage (VCEO : 300V)
5. High current transfer ratio
   (CTR : MIN.1000% at IF =1mA,VCE =2V)
6. High isolation voltage between input and output (Viso:3750Vrms).
7. Agency Approvals.
   • UL approved:No.E169586
   • VDE approved:No.40014684
   • FIMKO approved:
      EN 60065 No. FI 23147 A1
      EN 60950 No. FI 24583 A1
   • CQC approved:No. CQC04001010530

● Applications
1. Telephone sets.
2. Copiers,facsimiles.
3. Interfaces with various power supply circuits, power distribution boards.
4. Hybrid substrates which reguire high density mounting.




Similar Part No. - KPC452_12

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
More results


Similar Description - KPC452_12

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
Pb free and RoHS compliant
KT1210 COSMO-KT1210 Datasheet
160Kb / 8P
Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
Pb free and RoHS compliant
KTLP161J COSMO-KTLP161J_13 Datasheet
130Kb / 6P
Pb free and RoHS compliant
KTLP168J COSMO-KTLP168J_13 Datasheet
131Kb / 6P
Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
RoHS compliant and Pb free
10.30.13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com