Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC452 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPC452
Description  Pb free and RoHS compliant.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC452 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPC452_12 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 4Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 5Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:11/29/2012
NO.61P04080
cosmo
ELECTRONICS CORPORATION
Photocoupler :
KPC452
SHEET 1 OF 6
REV.
5
Compact Surface Mount,High
Collector emitter Voltage Type Photocoupler
●
Features
1. Halogen Free.
2. Pb free and RoHS compliant.
3. Mini-flat package:
compact 4 pin SOP with a 2.0mm profile.
4. High collector-emitter voltage (VCEO : 300V)
5. High current transfer ratio
(CTR : MIN.1000% at IF =1mA,VCE =2V)
6. High isolation voltage between input and output (Viso:3750Vrms).
7. Agency Approvals.
‧
UL approved:No.E169586
‧
VDE approved:No.40014684
‧
FIMKO approved:EN 60065 No. FI 23147 A1
EN 60950 No. FI 24583 A1
‧
CQC approved:No. CQC04001010530
●
Applications
1. Telephone sets.
2. Copiers,facsimiles.
3. Interfaces with various power supply circuits,
power distribution boards.
4. Hybrid substrates which reguire high density mounting.


Similar Part No. - KPC452_12

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
More results

Similar Description - KPC452_12

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
Pb free and RoHS compliant
KT1210 COSMO-KT1210 Datasheet
160Kb / 8P
Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
Pb free and RoHS compliant
KTLP161J COSMO-KTLP161J_13 Datasheet
130Kb / 6P
Pb free and RoHS compliant
KTLP168J COSMO-KTLP168J_13 Datasheet
131Kb / 6P
Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
RoHS compliant and Pb free
10.30.13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com