Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC452 Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPC452
Description  Pb free and RoHS compliant.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC452 Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPC452_12 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 4Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 5Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:11/29/2012
NO.61P04080
cosmo
ELECTRONICS CORPORATION
Photocoupler :
KPC452
SHEET 4 OF 6
REV.
5
Fig.1
Forward Current vs.Ambient
Temperature
Fig.2
Diode Power Dissipation
vs. Ambient Temperature
Ambient temperature Ta( ℃)
Ambient temperature Ta( ℃)
Fig.3
Peak Forward Current vs.
Duty Ratio
Fig.4
Forward Current vs.
Forward Voltage
Duty ratio
Forward Voltage VF (V)
Fig.5
Current Transfer Ratio vs.
Forward Current
Fig.6
Collector Current vs.
Collector-Emitter Voltage
Forward Current IF (mA)
Collector-Emitter voltage VCE(V)
0
- 5 5
1 0
2 0
1 0 0
7 5
5 5
2 5
3 0
4 0
5 0
1 2 5
0
- 5 5
0
4 0
2 0
2 5
5 0
7 5
1 0 0
1 0 0
8 0
6 0
1 2 5
0
1 0
1 0 0
0
1 0
1 0
- 3
- 2
- 1
1 0 0 0 0
1 0 0 0
T a = 2 5
C
1
2 0
1 . 0
0 . 5
0
1
25
1 0
3 . 0
2 . 5
2 . 0
1 . 5
5 0 0
T a = 7 5
1 0 0
5 0
2 0 0
5 0
2 5
0
- 2 5
10
0.2
0.1
2000
1000
0
5
2
1
0.5
5000
3000
4000
Ta=25°C
V =2V
CE
3
0
0
1
F
I =0.5mA
2
I =1mA
F
4
Pc (MAX)
5
200
100
I =10mA
F
F
I =5mA
I =2.5mA
I =2mA
F
F
I =3mA
F
I =1.5mA
F
Ta =25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com