Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC452 Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KPC452
Description  Pb free and RoHS compliant.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC452 Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPC452_12 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 4Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 5Page - COSMO  Electronics Corporation KPC452_12 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:11/29/2012
NO.61P04080
cosmo
ELECTRONICS CORPORATION
Photocoupler :
KPC452
SHEET 5 OF 6
REV.
5
Fig.7
Collector-emitter Saturation Voltage
vs.Forward Current
Fig.8
Collector-Emitter Saturation
Voltage vs. Ambient Temperature
Forward Current IF (mA)
Ambient Temperature Ta( ℃)
Fig.9
Collector Dark Current vs.
Ambient Temperature
Fig.10
Response Time vs.
Load Resistance
Ambient temperature Ta(℃)
Load Resistance RL(K ohm)
Fig.11
Relative Current Transfer Ratio
vs. Ambient Temperature
Fig.12
Frequency Response.
Ambient temperature Ta(℃)
Frequency f(KHz)
25
0
-55
0
1000
100
75
50
115
3000
2000
V =2V
I =1mA
CE
F
-25
F
Ic=2mA
I =1mA
0.6
0.4
0.2
0
-55
40
60
20
0
1.2
1.0
0.8
100
80
115
tr
ts
td
tf
1
0.1
0.01
1
500
1000
200
100
20
5
10
50
2
Ta =25°C
Ic =20mA
V =2V
CC
10
-55
020
60
40
80
100
10
10
10
-11
-10
10
-9
10
-8
-7
10
-6
V =200V
CE
115
10
-5
Ic=70mA
3
Ic=100mA
2
1
0
4
3
2
1
0
5
Ta=25°C
5
4
Ic=10mA
Ic=5mA
Ic=30mA
Ic=50mA
10000
-15
0.1
-25
-20
1
10
100
-10
-5
-0
R =1Kohm
L
V =2V
10ohm
100ohm
Ta =25°C
Ic =20mA
CE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com