Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4780S Datasheet (PDF) - OSRAM GmbH

SFH4780S Datasheet PDF - OSRAM GmbH
Part # SFH4780S
Download  SFH4780S Download
File Size   454.56 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR OSLUX (810nm) - 20

SFH4780S Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4780S Datasheet PDF - OSRAM GmbH

Part # SFH4780S
Download  SFH4780S Click to download

File Size   454.56 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR OSLUX (810nm) - 20

SFH4780S Datasheet (HTML) - OSRAM GmbH




Similar Part No. - SFH4780S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4783 OSRAM-SFH4783 Datasheet
369Kb / 13P
Narrow beam LED in Dragon Dome package (850nm)
SFH4786S OSRAM-SFH4786S Datasheet
594Kb / 12P
IR OSLUX
SFH4787S OSRAM-SFH4787S Datasheet
592Kb / 12P
IR OSLUX
More results


Similar Description - SFH4780S

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L825 ZILOG-Z86L825 Datasheet
875Kb / 79P
20-Pin Low-Voltage IR Microcontrollers
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C Datasheet
96Kb / 1P
IR Sensor
logo
Clairex Technologies, I...
CLE320W CLAIREX-CLE320W Datasheet
106Kb / 1P
High Power Aluminum Gallium Arsenide 810nm IRED
logo
Axiomtek Co., Ltd.
DSA-132 AXIOMTEK-DSA-132 Datasheet
235Kb / 1P
IR touchscreen
logo
Marktech Corporate
MTE1081C MARKTECH-MTE1081C Datasheet
552Kb / 4P
Peak Emission Wavelength: 810nm
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Peak Emission Wavelength: 810nm
logo
ams AG
AS7263 AMSCO-AS7263 Datasheet
956Kb / 45P
6 near-IR channels: 610nm, 680nm, 730nm, 760nm, 810nm and 860nm, each with 20nm FWHM
logo
OSRAM GmbH
SFH4787S OSRAM-SFH4787S Datasheet
592Kb / 12P
IR OSLUX
SFH4786S OSRAM-SFH4786S Datasheet
594Kb / 12P
IR OSLUX
logo
Luminus, Inc
SST-06-IRD LUMINUS-SST-06-IRD Datasheet
1Mb / 14P
SST-06-IRD-810nm Dual Junction Surface Mount Series Infrared LED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com