Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4780S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4780S
Description  IR OSLUX (810nm) - 20
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4780S Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4780S Datasheet HTML 1Page - OSRAM GmbH SFH4780S Datasheet HTML 2Page - OSRAM GmbH SFH4780S Datasheet HTML 3Page - OSRAM GmbH SFH4780S Datasheet HTML 4Page - OSRAM GmbH SFH4780S Datasheet HTML 5Page - OSRAM GmbH SFH4780S Datasheet HTML 6Page - OSRAM GmbH SFH4780S Datasheet HTML 7Page - OSRAM GmbH SFH4780S Datasheet HTML 8Page - OSRAM GmbH SFH4780S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2015-11-30
1
2015-11-30
IR OSLUX (810nm) - 20°
Version 1.1
SFH 4780S
Ordering Information
Features:
•
IR lightsource with high efficiency
•
Double stack emitter
•
Low thermal resistance (Max. 25 K/W)
•
Centroid wavelength 810 nm
•
Narrow half angle (+/- 10°)
Applications
•
Infrared Illumination
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F = 1 A, tp= 10 ms
SFH 4780S
2900 (≥ 2200)
Q65111A6054
Note:
measured at a solid angle of Ω = 0.001 sr


Similar Part No. - SFH4780S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4783 OSRAM-SFH4783 Datasheet
369Kb / 13P
Narrow beam LED in Dragon Dome package (850nm)
SFH4786S OSRAM-SFH4786S Datasheet
594Kb / 12P
IR OSLUX
SFH4787S OSRAM-SFH4787S Datasheet
592Kb / 12P
IR OSLUX
More results

Similar Description - SFH4780S

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L825 ZILOG-Z86L825 Datasheet
875Kb / 79P
20-Pin Low-Voltage IR Microcontrollers
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C Datasheet
96Kb / 1P
IR Sensor
logo
Clairex Technologies, I...
CLE320W CLAIREX-CLE320W Datasheet
106Kb / 1P
High Power Aluminum Gallium Arsenide 810nm IRED
logo
Axiomtek Co., Ltd.
DSA-132 AXIOMTEK-DSA-132 Datasheet
235Kb / 1P
IR touchscreen
logo
Marktech Corporate
MTE1081C MARKTECH-MTE1081C Datasheet
552Kb / 4P
Peak Emission Wavelength: 810nm
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Peak Emission Wavelength: 810nm
logo
ams AG
AS7263 AMSCO-AS7263 Datasheet
956Kb / 45P
6 near-IR channels: 610nm, 680nm, 730nm, 760nm, 810nm and 860nm, each with 20nm FWHM
logo
OSRAM GmbH
SFH4787S OSRAM-SFH4787S Datasheet
592Kb / 12P
IR OSLUX
SFH4786S OSRAM-SFH4786S Datasheet
594Kb / 12P
IR OSLUX
logo
Luminus, Inc
SST-06-IRD LUMINUS-SST-06-IRD Datasheet
1Mb / 14P
SST-06-IRD-810nm Dual Junction Surface Mount Series Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com