Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC260 Datasheet (PDF) - List of Unclassifed Manufacturers

OC260 Datasheet PDF - List of Unclassifed Manufacturers
Part # OC260
Download  OC260 Download
File Size   91.07 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Oven Controlled Crystal Oscillators (OCXOs)

OC260 Datasheet (PDF)

Go To PDF Page Download Datasheet
OC260 Datasheet PDF - List of Unclassifed Manufacturers

Part # OC260
Download  OC260 Click to download

File Size   91.07 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Oven Controlled Crystal Oscillators (OCXOs)

OC260 Datasheet (HTML) - List of Unclassifed Manufacturers


OC260 Product details

[Vectron International]

Description:
The OC-260 Series OCXO offers excellent temperature stability and aging in a 1” x 1” x 0.52” package.

Features:
• Frequencies: 5, 10, 12.8, 13, 16.384, 19.44, 20, 20.48 MHz
• Stabilities: As low as +1 x 10-8
• Temperature Range: As wide as -40oC to +85oC
• Package: 1.0” x 1.0” x 0.52”
• Output: HCMOS, Sinewave
• Supply Voltage: 5 Volts or 3.3 Volts




Similar Part No. - OC260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC26 ETC-OC26 Datasheet
169Kb / 1P
GERMANIUM NPN LOW POWER TRANSISTORS
More results


Similar Description - OC260

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillators
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
Oven Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
OCVCXO-177A KSS-OCVCXO-177A Datasheet
419Kb / 1P
Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
Oven Controlled Crystal Oscillators
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.18.14
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-24.576MHZ-M6069LF ABRACON-AOCJYR-24.576MHZ-M6069LF Datasheet
2Mb / 4P
Oven Controlled Crystal Oscillators
08.20.14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com