Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C188 Datasheet (PDF) - List of Unclassifed Manufacturers

P4C188 Datasheet PDF - List of Unclassifed Manufacturers
Part # P4C188
Download  P4C188 Download
File Size   74.87 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ULTRA HIGH SPEED 16K x 4 STATIC

P4C188 Datasheet (PDF)

Go To PDF Page Download Datasheet
P4C188 Datasheet PDF - List of Unclassifed Manufacturers

Part # P4C188
Download  P4C188 Click to download

File Size   74.87 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ULTRA HIGH SPEED 16K x 4 STATIC

P4C188 Datasheet (HTML) - List of Unclassifed Manufacturers


P4C188 Product details

[Performance-Semiconductor]

DESCRIPTION
The P4C188 and P4C188L are 65,536-bit ultra high speed static RAMs organized as 16K x 4. The CMOS memories require no clocks or refreshing and have equal access and cycle times. Inputs and outputs are fully TTL-compatible. The RAMs operate from a single 5V±10% tolerance power supply. With battery backup, data integrity is maintained for supply voltages down to 2.0V. Current drain is typically 10 µA from a 2.0V supply.

FEATURES
■ Full CMOS, 6T Cell
■ High Speed (Equal Access and Cycle Times)
   – 10/12/15/20/25 ns (Commercial)
   – 12/15/20/25/35 (Industrial)
   – 15/20/25/35/45 ns (Military)
■ Low Power (Commercial/Military)
   – 715 mW Active – 12/15
   – 550/660 mW Active – 20/25/35/45
   – 193/220 mW Standby (TTL Input)
   – 83/110 mW Standby (CMOS Input) P4C188
   – 15 mW Standby (CMOS Input)
      (P4C188L Military)
■ Single 5V±10% Power Supply
■ Data Retention with 2.0V Supply
   (P4C188L Military)
■ Three-State Outputs
■ TTL/CMOS Compatible Outputs
■ Fully TTL Compatible Inputs
■ Standard Pinout (JEDEC Approved)
   – 22-Pin 300 mil DIP
   – 24-Pin 300 mil SOJ
   – 22-Pin 290 x 490 mil LCC




Similar Part No. - P4C188

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C188-10CC PYRAMID-P4C188-10CC Datasheet
203Kb / 12P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C188-10CI PYRAMID-P4C188-10CI Datasheet
203Kb / 12P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C188-10CM PYRAMID-P4C188-10CM Datasheet
203Kb / 12P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C188-10CMB PYRAMID-P4C188-10CMB Datasheet
203Kb / 12P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
More results


Similar Description - P4C188

ManufacturerPart #DatasheetDescription
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
16K x 4 Static RAM
logo
List of Unclassifed Man...
P4C198 ETC-P4C198 Datasheet
83Kb / 10P
ULTRA HIGH SPEED 16K x 4
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
16K X 1 HIGH SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
16K x 4 Static RAM
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com