Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C164 Datasheet (PDF) - Cypress Semiconductor

CY7C164 Datasheet PDF - Cypress Semiconductor
Part # CY7C164
Download  CY7C164 Download
File Size   171.24 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16K x 4 Static RAM

CY7C164 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C164 Datasheet PDF - Cypress Semiconductor

Part # CY7C164
Download  CY7C164 Click to download

File Size   171.24 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16K x 4 Static RAM

CY7C164 Datasheet (HTML) - Cypress Semiconductor


CY7C164 Product details

Functional Description
The CY7C164 and CY7C166 are high-performance CMOS static RAMs organized as 16,384 by 4 bits.

Features
• High speed
    — 15 ns
• Output enable (OE) feature (CY7C166)
• CMOS for optimum speed/power
• Low active power
    — 633 mW
• Low standby power
    — 110 mW
• TTL-compatible inputs and outputs
• Automatic power-down when deselected




Similar Part No. - CY7C164

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
266Kb / 9P
16K x 4 Static RAM
CY7C164-15PC CYPRESS-CY7C164-15PC Datasheet
266Kb / 9P
16K x 4 Static RAM
CY7C164-25PC CYPRESS-CY7C164-25PC Datasheet
266Kb / 9P
16K x 4 Static RAM
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1643KV18-400BZC CYPRESS-CY7C1643KV18-400BZC Datasheet
861Kb / 31P
144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Similar Description - CY7C164

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
16K x 1 Static RAM
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
16K * 4 BIT STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
16K x 4 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com