Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6168SA Datasheet (PDF) - Integrated Device Technology

IDT6168SA Datasheet PDF - Integrated Device Technology
Part # IDT6168SA
Download  IDT6168SA Download
File Size   91.04 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 16K (4K x 4-BIT)

IDT6168SA Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT6168SA Datasheet PDF - Integrated Device Technology

Part # IDT6168SA
Download  IDT6168SA Click to download

File Size   91.04 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 16K (4K x 4-BIT)

IDT6168SA Datasheet (HTML) - Integrated Device Technology


IDT6168SA Product details

DESCRIPTION:
The IDT6168 is a 16,384-bit high-speed static RAM organized as 4K x 4. It is fabricated using lDT’s high-performance, high-reliability CMOS technology. This state-of-the-art technology, combined with innovative circuit design techniques, provides a cost-effective approach for high-speed memory applications.

FEATURES:
• High-speed (equal access and cycle time)
    — Military: 15/20/25/35/45ns (max.)
    — Commercial: 15/20/25/35ns (max.)
• Low power consumption
• Battery backup operation—2V data retention voltage (IDT6168LA only)
• Available in high-density 20-pin ceramic or plastic DIP, 20-pin SOIC.
• Produced with advanced CMOS high-performance technology
• CMOS process virtually eliminates alpha particle soft-error rates
• Bidirectional data input and output
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT6168SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167 IDT-IDT6167 Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA IDT-IDT6167LA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100D IDT-IDT6167LA100D Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100DB IDT-IDT6167LA100DB Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100P IDT-IDT6167LA100P Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
More results


Similar Description - IDT6168SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6178S IDT-IDT6178S Datasheet
72Kb / 7P
CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
16K x 4 Static RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
CMOS 16K-BIT STATIC RAM
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
16K * 4 BIT STATIC RAM
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
16K x 4 Static RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com