Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6167 Datasheet (PDF) - Integrated Device Technology

IDT6167 Datasheet PDF - Integrated Device Technology
Part # IDT6167
Download  IDT6167 Download
File Size   63.42 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 16K (16K x 1-BIT)

IDT6167 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT6167 Datasheet PDF - Integrated Device Technology

Part # IDT6167
Download  IDT6167 Click to download

File Size   63.42 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 16K (16K x 1-BIT)

IDT6167 Datasheet (HTML) - Integrated Device Technology


IDT6167 Product details

DESCRIPTION:
The lDT6167 is a 16,384-bit high-speed static RAM organized as 16K x 1. The part is fabricated using IDT’s highperformance, high reliability CMOS technology.
Access times as fast as 15ns are available. The circuit also offers a reduced power standby mode. When CS goes HIGH, the circuit will automatically go to, and remain in, a standby mode as long as CS remains HIGH. This capability provides significant system-level power and cooling savings. The lowpower (LA) version also offers a battery backup data retention capability where the circuit typically consumes only 1µW operating off a 2V battery.

FEATURES:
• High-speed (equal access and cycle time)
   — Military: 15/20/25/35/45/55/70/85/100ns (max.)
   — Commercial: 15/20/25/35ns (max.)
• Low power consumption
• Battery backup operation — 2V data retention voltage (IDT6167LA only)
• Available in 20-pin CERDIP and Plastic DIP, and 20-pin SOJ
• Produced with advanced CMOS high-performance technology
• CMOS process virtually eliminates alpha particle softerror rates
• Separate data input and output
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT6167

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6168 IDT-IDT6168 Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA IDT-IDT6168LA Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15D IDT-IDT6168LA15D Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15D IDT-IDT6168LA15D Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15DB IDT-IDT6168LA15DB Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
More results


Similar Description - IDT6167

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
16K x 1 Static RAM
logo
Intersil Corporation
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
16K X 1 HIGH SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
CMOS 16K-BIT STATIC RAM
logo
Sharp Corporation
LH5116NA-10 SHARP-LH5116NA-10 Datasheet
343Kb / 14P
16K CMOS STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
16K x 1 Asynchronous CMOS Static RAM
March 1997
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com