Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6178S Datasheet (PDF) - Integrated Device Technology

IDT6178S Datasheet PDF - Integrated Device Technology
Part # IDT6178S
Download  IDT6178S Download
File Size   72.5 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM

IDT6178S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT6178S Datasheet PDF - Integrated Device Technology

Part # IDT6178S
Download  IDT6178S Click to download

File Size   72.5 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM

IDT6178S Datasheet (HTML) - Integrated Device Technology


IDT6178S Product details

DESCRIPTION:
The IDT6178 is a high-speed cache address comparator sub-system consisting of a 16,384-bit StaticRAM organized as 4K x 4. Cycle Time and Address to MATCH Valid are equal. The IDT6178 features an onboard 4-bit comparator that compares RAM contents and current input data. The result is an active HIGH on the MATCH pin. The MATCH pins of several IDT6178s can be handed together to provide enabling or acknowledging signals to the data cache or processor.

FEATURES:
• High-speed Address to MATCH Valid time
    – Military: 12/15/20/25ns
    – Commercial: 10/12/15/20/25ns (max.)
• High-speed Address Access time
    – Military: 12/15/20/25ns
    – Commercial: 10/12/15/20/25ns (max.)
• Low-power consumption
    – IDT6178S
    Active: 300mW (typ.)
• Produced with advanced CMOS high-performance technology
• Input and output TTL-compatible
• Standard 22-pin Plastic or Ceramic DIP, 24-pin SOJ
• Military product 100% compliant to MIL-STD-883, Class B




Similar Part No. - IDT6178S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
More results


Similar Description - IDT6178S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67T415 MOTOROLA-MCM67T415 Datasheet
98Kb / 3P
16K x 15 Bit Cache Tag RAM for Pentium Processors
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT71215 IDT-IDT71215 Datasheet
155Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71216 IDT-IDT71216 Datasheet
154Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For PowerPCO and RISC Processors
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
logo
UMC Corporation
UM61166 UMC-UM61166 Datasheet
488Kb / 8P
4K x 16 CMOS CACHE RAM
logo
Renesas Technology Corp
IDT71215 RENESAS-IDT71215 Datasheet
322Kb / 17P
BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor
OCTOBER 1999
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com