Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCM69T618 Datasheet (PDF) - Motorola, Inc

MCM69T618 Datasheet PDF - Motorola, Inc
Part # MCM69T618
Download  MCM69T618 Download
File Size   177.93 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 18 Bit Synchronous Pipelined Cache Tag RAM

MCM69T618 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM69T618 Datasheet PDF - Motorola, Inc

Part # MCM69T618
Download  MCM69T618 Click to download

File Size   177.93 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 18 Bit Synchronous Pipelined Cache Tag RAM

MCM69T618 Datasheet (HTML) - Motorola, Inc


MCM69T618 Product details

The MCM69T618 is a 1M–bit synchronous fast static RAM with integrated tag compare function. It is designed to address tag RAM for 512KB, 1MB, or 2MB secondary cache as well as to be used as a data RAM for 512KB caches. This device is organized as 64K words of 18 bits each. It integrates input registers, output registers, tag comparators, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache tag RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K). BiCMOS circuitry reduces the overall power consumption of the integrated functions for greater reliability.
   
• MCM69T618–5 = 5 ns Clock–to–Match / 10 ns cycle
• Single 3.3 V + 10%, – 5% Power Supply
• Pipelined Data Comparator
• Pipelined Chip Enable and Write Enable for Data (DQ) Output Enable Path
• 64K x 18 Organization Supports Up to 2MB Cache
• Synchronous Data Input Register Load Enable (DE)
• Internally Self–Timed Write Cycle
• Asynchronous Data I/O Output Enable (G)
• Asynchronous Match Output Enable (MG)
• 100–Pin TQFP Package
   




Similar Part No. - MCM69T618

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
128K x 9 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
256K x 4 Bit Fast Static Random Access Memory
MCM6929AWJ10 MOTOROLA-MCM6929AWJ10 Datasheet
119Kb / 8P
256K x 4 Bit Fast Static Random Access Memory
MCM6929AWJ10R MOTOROLA-MCM6929AWJ10R Datasheet
119Kb / 8P
256K x 4 Bit Fast Static Random Access Memory
MCM6929AWJ12 MOTOROLA-MCM6929AWJ12 Datasheet
119Kb / 8P
256K x 4 Bit Fast Static Random Access Memory
More results


Similar Description - MCM69T618

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Integrated Device Techn...
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
64K x 32 Synchronous-Pipelined Cache RAM
CY7C1031 CYPRESS-CY7C1031 Datasheet
282Kb / 13P
64K x 18 Synchronous Cache RAM
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
64K x 32 Synchronous-Pipelined Cache RAM
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
256K x 18 Synchronous-Pipelined Cache RAM
CY7C1298A CYPRESS-CY7C1298A Datasheet
165Kb / 12P
64K x 18 Synchronous Burst RAM Pipelined Output
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
64K x 32 Synchronous-Pipelined Cache RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com