Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1359A Datasheet (PDF) - Cypress Semiconductor

CY7C1359A Datasheet PDF - Cypress Semiconductor
Part # CY7C1359A
Download  CY7C1359A Download
File Size   237.24 Kbytes
Page   24 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 18 Synchronous-Pipelined Cache Tag RAM

CY7C1359A Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1359A Datasheet PDF - Cypress Semiconductor

Part # CY7C1359A
Download  CY7C1359A Click to download

File Size   237.24 Kbytes
Page   24 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 18 Synchronous-Pipelined Cache Tag RAM

CY7C1359A Datasheet (HTML) - Cypress Semiconductor


CY7C1359A Product details

Functional Description
The Cypress Synchronous Burst SRAM family employs high-speed, low power CMOS designs using advanced triple-layer polysilicon, double-layer metal technology. Each memory cell consists of four transistors and two high valued resistors.

Features
• Fast match times: 3.5, 3.8, 4.0 and 4.5 ns
• Fast clock speed: 166, 150, 133, and 100 MHz
• Fast OE access times: 3.5, 3.8, 4.0 and 5.0 ns
• Pipelined data comparator
• Data input register load control by DEN
• Optimal for depth expansion (one cycle chip deselect to eliminate bus contention)
• 3.3V –5% and +10% core power supply
• 2.5V or 3.3V I/O supply
• 5V tolerant inputs except I/Os
• Clamp diodes to VSS at all inputs and outputs
• Common data inputs and data outputs
• JTAG boundary scan
• Byte Write Enable and Global Write control
• Three chip enables for depth expansion and address pipeline
• Address, data, and control registers
• Internally self-timed Write Cycle
• Burst control pins (interleaved or linear burst sequence)
• Automatic power-down for portable applications
• Low-profile JEDEC standard 100-pin TQFP package




Similar Part No. - CY7C1359A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
400Kb / 12P
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135-15JC CYPRESS-CY7C135-15JC Datasheet
506Kb / 12P
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135-15JC CYPRESS-CY7C135-15JC Datasheet
400Kb / 12P
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135-15JXC CYPRESS-CY7C135-15JXC Datasheet
400Kb / 12P
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
More results


Similar Description - CY7C1359A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
GSI Technology
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
256K x 18 Sync Cache Tag
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
256K x 18 Synchronous-Pipelined Cache RAM
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
256K x 18 Synchronous 3.3V Cache RAM
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
256K x 18 Synchronous 3.3V Cache RAM
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
256K x 18 Synchronous 3.3V Cache RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com