Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71216 Datasheet (PDF) - Integrated Device Technology

IDT71216 Datasheet PDF - Integrated Device Technology
Part # IDT71216
Download  IDT71216 Download
File Size   154.76 Kbytes
Page   14 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For PowerPCO and RISC Processors

IDT71216 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71216 Datasheet PDF - Integrated Device Technology

Part # IDT71216
Download  IDT71216 Click to download

File Size   154.76 Kbytes
Page   14 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For PowerPCO and RISC Processors

IDT71216 Datasheet (HTML) - Integrated Device Technology


IDT71216 Product details

DESCRIPTION:

The IDT71216 is a 245,760-bit Cache Tag StaticRAM, organized 16K x 15 and designed to support PowerPC and other RISC processors at bus speeds up to 66MHz. There are twelve common I/O TAG bits, with the remaining three bits used as status bits. A 12-bit comparator is on-chip to allow fast comparison of the twelve stored TAG bits and the current Tag input data. An active HIGH MATCH output is generated when these two groups of data are the same for a given address.



FEATURES:

• 16K x 15 Configuration

  – 12 TAG Bits

  – 3 Separate I/O Status Bits (Valid, Dirty, Write Through)

• Match output uses Valid bit to qualify MATCH output

• High-Speed Address-to-Match comparison times

  – 8/9/10/12ns over commercial temperature range

• TA circuitry included inside the Cache-Tag for highest speed operation

• Asynchronous Read/Match operation with Synchronous Write and Reset operation

• Separate WE for the TAG bits and the Status bits

• Separate OE for the TAG bits, the Status bits, and TA

• Synchronous RESET pin for invalidation of all Tag entries

• Dual Chip selects for easy depth expansion with no performance degredation

• I/O pins both 5V TTL and 3.3V LVTTL compatible with VCCQ pins

• PWRDN pin to place device in low-power mode

• Packaged in a 80-pin Thin Plastic Quad Flat Pack (TQFP)




Similar Part No. - IDT71216

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71215 IDT-IDT71215 Datasheet
155Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
logo
Renesas Technology Corp
IDT71215 RENESAS-IDT71215 Datasheet
322Kb / 17P
BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor
OCTOBER 1999
logo
Integrated Device Techn...
IDT71215S10PF IDT-IDT71215S10PF Datasheet
155Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
logo
Renesas Technology Corp
IDT71215S10PF RENESAS-IDT71215S10PF Datasheet
322Kb / 17P
BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor
OCTOBER 1999
logo
Integrated Device Techn...
IDT71215S12PF IDT-IDT71215S12PF Datasheet
155Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
More results


Similar Description - IDT71216

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67T415 MOTOROLA-MCM67T415 Datasheet
98Kb / 3P
16K x 15 Bit Cache Tag RAM for Pentium Processors
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6178S IDT-IDT6178S Datasheet
72Kb / 7P
CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
IDT71215 IDT-IDT71215 Datasheet
155Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
IDT7MPV6253 IDT-IDT7MPV6253 Datasheet
84Kb / 7P
256KB AND 512KB SECONDARY CACHE MODULES FOR THE PowerPCO
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Pyramid Semiconductor C...
P4C174 PYRAMID-P4C174 Datasheet
281Kb / 12P
HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
logo
Renesas Technology Corp
IDT71215 RENESAS-IDT71215 Datasheet
322Kb / 17P
BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor
OCTOBER 1999
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com