Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71215 Datasheet (PDF) - Renesas Technology Corp

IDT71215 Datasheet PDF - Renesas Technology Corp
Part # IDT71215
Download  IDT71215 Download
File Size   322.71 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor

IDT71215 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71215 Datasheet PDF - Renesas Technology Corp

Part # IDT71215
Download  IDT71215 Click to download

File Size   322.71 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor

IDT71215 Datasheet (HTML) - Renesas Technology Corp


IDT71215 Product details

Features
- 16K x 15 Configuration
– 12 TAG Bits
– 3 Separate I/O Status Bits (Valid, Dirty, Write Through)
- Match output uses Valid bit to qualify MATCH output
- High-Speed Address-to-Match comparison times
– 8/9/10/12ns over commercial temperature range
- BRDY circuitry included inside the Cache-Tag for
highest speed operation
- Asynchronous Read/Match operation with Synchronous
Write and Reset operation
- Separate WE for the TAG bits and the Status bits
- Separate OE for the TAG bits, the Status bits, and BRDY
- Synchronous RESET pin for invalidation of all Tag entries
- Dual Chip selects for easy depth expansion with no
performance degredation
- I/O pins both 5V TTL and 3.3V LVTTL compatible with VCCQ pins
- PWRDN pin to place device in low-power mode
- Packaged in a 80-pin Thin Plastic Quad Flat Pack (TQFP).




Similar Part No. - IDT71215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71215 IDT-IDT71215 Datasheet
155Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71215S10PF IDT-IDT71215S10PF Datasheet
155Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71215S12PF IDT-IDT71215S12PF Datasheet
155Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71215S8PF IDT-IDT71215S8PF Datasheet
155Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71215S9PF IDT-IDT71215S9PF Datasheet
155Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
More results


Similar Description - IDT71215

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67T415 MOTOROLA-MCM67T415 Datasheet
98Kb / 3P
16K x 15 Bit Cache Tag RAM for Pentium Processors
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6178S IDT-IDT6178S Datasheet
72Kb / 7P
CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
IDT71215 IDT-IDT71215 Datasheet
155Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71216 IDT-IDT71216 Datasheet
154Kb / 14P
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For PowerPCO and RISC Processors
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
16K x 4 Static RAM
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
16K x 1 Static RAM
logo
Pyramid Semiconductor C...
P4C174 PYRAMID-P4C174 Datasheet
281Kb / 12P
HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com