Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL95808 Datasheet (PDF) - Intersil Corporation

ISL95808 Datasheet PDF - Intersil Corporation
Part # ISL95808
Download  ISL95808 Download
File Size   294.23 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Voltage Synchronous Rectified Buck MOSFET Driver

ISL95808 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL95808 Datasheet PDF - Intersil Corporation

Part # ISL95808
Download  ISL95808 Click to download

File Size   294.23 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Voltage Synchronous Rectified Buck MOSFET Driver

ISL95808 Datasheet (HTML) - Intersil Corporation


ISL95808 Product details

The ISL95808 is a high frequency, dual MOSFET driver with low
shutdown current, optimized to drive two N-Channel power
MOSFETs in a synchronous-rectified buck converter topology. It
is especially suited for mobile computing applications that
require high efficiency and excellent thermal performance. The
driver, combined with an Intersil multiphase Buck PWM
controller, forms a complete single-stage core-voltage
regulator solution for advanced mobile microprocessors.
The ISL95808 features a 4A typical sinking current for the
lower gate driver. This current is capable of holding the lower
MOSFET gate off during the rising edge of the phase node. This
prevents shoot-through power loss caused by the high dv/dt of
phase voltages. The operating voltage matches the 30V
breakdown voltage of the MOSFETs commonly used in mobile
computer power supplies.
The ISL95808 also features a three-state PWM input. This
PWM input, working together with Intersil’s multiphase PWM
controllers, will prevent negative voltage output during CPU
shutdown. This feature eliminates a protective Schottky diode
usually seen in microprocessor power systems.
MOSFET gates can be efficiently switched up to 2MHz using
the ISL95808. Each driver is capable of driving a 3000pF load
with propagation delays of 8ns and transition times under
10ns. Bootstrapping is implemented with an internal Schottky
diode. This reduces system cost and complexity, while allowing
for the use of higher performance MOSFETs. Adaptive
shoot--through protection is integrated to prevent both
MOSFETs from conducting simultaneously.
A diode emulation feature is integrated in the ISL95808 to
enhance converter efficiency at light load conditions. This
feature also allows for monotonic start-up into prebiased
outputs. When diode emulation is enabled, the driver will allow
discontinuous conduction mode by detecting when the
inductor current reaches zero and subsequently turning off the
low-side MOSFET gate.
The ISL95808 also features very low shutdown supply current
(5V, 3µA) to ensure the low power consumption.

Features
• Dual MOSFET drivers for synchronous rectified bridge
• Adaptive shoot-through protection
• 0.5Ω ON-resistance and 4A sink current capability
• Supports high switching frequency up to 2MHz
- Fast output rise and fall time
- Low propagation delay
• Three-state PWM input for power stage shutdown
• Internal bootstrap Schottky diode
• Low shutdown supply current (5V, 3µA)
• Diode emulation for enhanced light-load efficiency and
prebiased start-up applications
• VCC POR (Power-On Reset) feature integrated
• Low three-state shutdown hold-off time (typical 160ns)
• DFN package
• Pb-free (RoHS compliant)

Applications
• Core voltage supplies for Intel® and AMD™ mobile
microprocessors
• High frequency low profile DC/DC converters
• High current low output voltage DC/DC converters
• High input voltage DC/DC converters




Similar Part No. - ISL95808

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95808 RENESAS-ISL95808 Datasheet
482Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL95808 INTERSIL-ISL95808 Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Renesas Technology Corp
ISL95808HRZ-T RENESAS-ISL95808HRZ-T Datasheet
482Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL95808IRZ-T INTERSIL-ISL95808IRZ-T Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
More results


Similar Description - ISL95808

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
High Voltage Synchronous Rectified Buck MOSFET Driver
November 2001
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
High Voltage Synchronous Rectified Buck MOSFET Driver
May 2002
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
March 30, 2007
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
March 23, 2007
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
High Voltage Synchronous Rectified Buck MOSFET Driver
August 7, 2008
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com