Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD432S Datasheet (PDF) - List of Unclassifed Manufacturers

SLD432S Datasheet PDF - List of Unclassifed Manufacturers
Part # SLD432S
Download  SLD432S Download
File Size   50.3 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Ultrahigh Power Infrared Array Laser Diode Achieves 40 W Optical Power Output

SLD432S Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD432S Datasheet PDF - List of Unclassifed Manufacturers

Part # SLD432S
Download  SLD432S Click to download

File Size   50.3 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Ultrahigh Power Infrared Array Laser Diode Achieves 40 W Optical Power Output

SLD432S Datasheet (HTML) - List of Unclassifed Manufacturers


SLD432S Product details

Ultrahigh Power Infrared Array Laser Diode
Achieves 40 W Optical Power Output

Did you know that ultrahigh power infrared laser diodes are used in welding equipment and the equipment used to trim photomasks? These ultrahigh power infrared laser diodes now have the high reliability to respond to the needs of this evolving industrial equipment. Sony continues to push the limits of increased power and improved reliability in the laser diodes that support these developments. Sony has now developed the SLD432S 40 W optical power output array laser diode that features both high power and the ability to be used in a wide range of applications.

■ Emission wavelength: 808 ±3 nm
■ Rated optical power output: 40 W, CW
   operation
■ High reliability
■ Low operating current




Similar Part No. - SLD432S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD432S SONY-SLD432S Datasheet
383Kb / 4P
40W Array Laser Diode
More results


Similar Description - SLD432S

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
AS098Q1200W ROITHNER-AS098Q1200W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS098Q600W ROITHNER-AS098Q600W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS098C60W ROITHNER-AS098C60W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q5000W ROITHNER-AS081Q5000W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q600W ROITHNER-AS081Q600W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q300W ROITHNER-AS081Q300W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081C200W ROITHNER-AS081C200W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081C100W ROITHNER-AS081C100W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081C40W ROITHNER-AS081C40W Datasheet
173Kb / 3P
High Power Stacked Infrared Laser Diode Array
AS098Q300W ROITHNER-AS098Q300W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com