Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD432S Datasheet (PDF) - Sony Corporation

SLD432S Datasheet PDF - Sony Corporation
Part # SLD432S
Download  SLD432S Download
File Size   383.89 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 40W Array Laser Diode

SLD432S Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD432S Datasheet PDF - Sony Corporation

Part # SLD432S
Download  SLD432S Click to download

File Size   383.89 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 40W Array Laser Diode

SLD432S Datasheet (HTML) - Sony Corporation


SLD432S Product details

Description
The SLD432S is a high power laser diode with an array structure, which achieves 40W high power.

Features
• High power
   Recommended optical power output: Po = 40W
• Array structure
• Open package

Applications
   Solid state laser excitation

Structure
   GaAlAs quantum well structure laser diode




Similar Part No. - SLD432S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLD432S ETC-SLD432S Datasheet
50Kb / 2P
Ultrahigh Power Infrared Array Laser Diode Achieves 40 W Optical Power Output
More results


Similar Description - SLD432S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD402S SONY-SLD402S Datasheet
74Kb / 3P
20W Array Laser Diode
SLD431S SONY-SLD431S Datasheet
47Kb / 4P
20W Array Laser Diode
SLD433S4 SONY-SLD433S4 Datasheet
100Kb / 5P
60W Array Laser Diode
logo
Roithner LaserTechnik G...
AS098Q1200W ROITHNER-AS098Q1200W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS098Q600W ROITHNER-AS098Q600W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q5000W ROITHNER-AS081Q5000W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q600W ROITHNER-AS081Q600W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q300W ROITHNER-AS081Q300W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081C200W ROITHNER-AS081C200W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081C40W ROITHNER-AS081C40W Datasheet
173Kb / 3P
High Power Stacked Infrared Laser Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com