Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-KBAND-T Datasheet (PDF) - THOR communications

F-KBAND-T Datasheet PDF - THOR communications
Part # F-KBAND-T
Download  F-KBAND-T Download
File Size   401.59 Kbytes
Page   1 Pages
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications
Description The F-KBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 25 GHz

F-KBAND-T Datasheet (PDF)

Go To PDF Page Download Datasheet
F-KBAND-T Datasheet PDF - THOR communications

Part # F-KBAND-T
Download  F-KBAND-T Click to download

File Size   401.59 Kbytes
Page   1 Pages
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications
Description The F-KBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 25 GHz

F-KBAND-T Datasheet (HTML) - THOR communications




Similar Part No. - F-KBAND-T

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
F-KD-EX2 PF-F-KD-EX2 Datasheet
688Kb / 3P
Terminal Module
F-KDR-EX2 PF-F-KDR-EX2 Datasheet
666Kb / 3P
Terminal Module
logo
Structured Cable Produc...
F-KJ-MMLCLCD-BK STRUCTURED-CABLE-F-KJ-MMLCLCD-BK Datasheet
2Mb / 1P
DUPLEX LC TO LC MULTIMODE OM3/OM4 50/125- FIBER OPTIC KEYSTONE JACK
Rev 08/2020
F-KJ-MMLCLCD-WT STRUCTURED-CABLE-F-KJ-MMLCLCD-WT Datasheet
2Mb / 1P
DUPLEX LC TO LC MULTIMODE OM3/OM4 50/125- FIBER OPTIC KEYSTONE JACK
Rev 08/2020
F-KJ-MMLCLCD-XX STRUCTURED-CABLE-F-KJ-MMLCLCD-XX Datasheet
2Mb / 1P
DUPLEX LC TO LC MULTIMODE OM3/OM4 50/125- FIBER OPTIC KEYSTONE JACK
Rev 08/2020
More results


Similar Description - F-KBAND-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S16FS TOSHIBA-JDV2S16FS Datasheet
106Kb / 2P
VCO for the UHF band
JDV2S02FS TOSHIBA-JDV2S02FS Datasheet
106Kb / 2P
VCO for the UHF band
JDV2S08FS TOSHIBA-JDV2S08FS Datasheet
115Kb / 3P
VCO for the UHF band
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
High Performance Transceiver for the 2.45 GHz ISM Band
MP5360M ETC2-MP5360M Datasheet
440Kb / 2P
High Speed, Low Power RF Modules for the 2.45 GHz ISM Band
logo
Texas Instruments
ADC34J2X TI1-ADC34J2X Datasheet
6Mb / 88P
The ADC34J2x are a high-linearity
ADC324X TI1-ADC324X Datasheet
3Mb / 81P
The ADC324x are a high-linearity
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
S-Band High Linearity LNA
logo
Micross Components
HMC136 MICROSS-HMC136 Datasheet
1Mb / 9P
Direct Modulation in the 4 - 8 GHz Band
logo
THOR communications
F-SBAND-T THOR-F-SBAND-T Datasheet
425Kb / 1P
The F-SBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com