Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-KBAND-T Datasheet(PDF) 1 Page - THOR communications

Part # F-KBAND-T
Description  The F-KBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 25 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-KBAND-T Datasheet(HTML) 1 Page - THOR communications

  F-KBAND-T Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-KBAND-Tx/Rxa
The F-KBAND series wide band laser
transceivers are designed for enabling a
high linearity optical link for RF over fiber in
the S-BAND up to 25 GHz. The unit can
also be used as a repeater for extending the transmission distance of a 25 Gbps link. The F-KBAND
incorporates a broadband optical transmitter and linear receiver into a compact rack mounted unit.
The F-KBAND can be used for carrying almost any type of RF modulated signals such as RF over
Fiber (RFoG), satellite/IF link, WiMax optical link, microwave over fiber, and mobile signals in fiber.
The unit uses a lithium-niobate external modulator to convert input microwave/RF signals to optical
waveforms from a frequency range of 100 kHz up to 25 GHz. The unit functions as a transparent link,
transporting all satellite modulation formats over a single fiber. The F-KBAND maintains excellent gain
flatness over a wide frequency range due to a very narrow line width DFB laser. Transmission
distances of up to 75 miles are possible using singlemode optical fiber. The F-KBAND link is a cost
effective and high performance solution for K-Band Satellite links.
Typical S-BAND-Rx/Tx Application
Technical Specifications
Optical Wavelength
1310 – 1550 nm FP/DFB
Optical Output Power
6.0 dbm
Optical Budget loss
24 – 32 dB
Optical Return Loss
40 dB
RF Frequency Range
100 kHz – 25.0 GHz
RF Input Level
12 dBm Max
RF Gain
10 – 25 dB
RF Gain Flatness
4.0 +/- 2.0
Input Impedance
50 Ohm
RF Return Loss
10 dB
<10 GHz
8 dB
13~125 GHz
6 dB
18~20 GHz
RF Noise
15 dB Max
VSWR Input / Output
2.0 : 1
CNR
40 dB
IMD
40 dB
Communications Interface
RS232
SNMP Interface
RJ45
Power Consumption
8 W
Power Supply
12V DC
RF Connector
SMA Female
Optical Connector
FC/APC or by request
Dimensions (H x W x D)
19in x 11.0in x 1.75in
Weight
0.75 Kg
Operating Temp. (℃)
-10 to +65 (℃)
Storage Temp. (℃)
-40 to +85 (℃)
Relative Humidity (%)
0 to 95 %
LNA
F-KBAND-Tx
F-KBAND-Rx
RF Output
100kHz -
25GHz
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467


Similar Part No. - F-KBAND-T

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
F-KD-EX2 PF-F-KD-EX2 Datasheet
688Kb / 3P
Terminal Module
F-KDR-EX2 PF-F-KDR-EX2 Datasheet
666Kb / 3P
Terminal Module
logo
Structured Cable Produc...
F-KJ-MMLCLCD-BK STRUCTURED-CABLE-F-KJ-MMLCLCD-BK Datasheet
2Mb / 1P
DUPLEX LC TO LC MULTIMODE OM3/OM4 50/125- FIBER OPTIC KEYSTONE JACK
Rev 08/2020
F-KJ-MMLCLCD-WT STRUCTURED-CABLE-F-KJ-MMLCLCD-WT Datasheet
2Mb / 1P
DUPLEX LC TO LC MULTIMODE OM3/OM4 50/125- FIBER OPTIC KEYSTONE JACK
Rev 08/2020
F-KJ-MMLCLCD-XX STRUCTURED-CABLE-F-KJ-MMLCLCD-XX Datasheet
2Mb / 1P
DUPLEX LC TO LC MULTIMODE OM3/OM4 50/125- FIBER OPTIC KEYSTONE JACK
Rev 08/2020
More results

Similar Description - F-KBAND-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S16FS TOSHIBA-JDV2S16FS Datasheet
106Kb / 2P
VCO for the UHF band
01-Nov-2007
JDV2S02FS TOSHIBA-JDV2S02FS Datasheet
106Kb / 2P
VCO for the UHF band
01-Nov-2007
JDV2S08FS TOSHIBA-JDV2S08FS Datasheet
115Kb / 3P
VCO for the UHF band
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
High Performance Transceiver for the 2.45 GHz ISM Band
MP5360M ETC2-MP5360M Datasheet
440Kb / 2P
High Speed, Low Power RF Modules for the 2.45 GHz ISM Band
logo
Texas Instruments
ADC34J2X TI1-ADC34J2X Datasheet
6Mb / 88P
The ADC34J2x are a high-linearity
ADC324X TI1-ADC324X Datasheet
3Mb / 81P
The ADC324x are a high-linearity
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
S-Band High Linearity LNA
logo
Micross Components
HMC136 MICROSS-HMC136 Datasheet
1Mb / 9P
Direct Modulation in the 4 - 8 GHz Band
logo
THOR communications
F-SBAND-T THOR-F-SBAND-T Datasheet
425Kb / 1P
The F-SBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 5 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com