Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3280E Datasheet (PDF) - Intersil Corporation

ISL3280E Datasheet PDF - Intersil Corporation
Part # ISL3280E
Download  ISL3280E Download
File Size   629.85 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers

ISL3280E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3280E Datasheet PDF - Intersil Corporation

Part # ISL3280E
Download  ISL3280E Click to download

File Size   629.85 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers

ISL3280E Datasheet (HTML) - Intersil Corporation


ISL3280E Product details

The Intersil ISL3280E, ISL3281E, ISL3282E, ISL3283E,
ISL3284E, ISL3285E are ±16.5kV IEC61000 ESD Protected,
3.0V to 5.5V powered, single receivers that meet both the
RS-485 and RS-422 standards for balanced communication.
These receivers have very low bus currents (+125µA/-100µA),
so they present a true “1/8 unit load” to the RS-485 bus. This
allows up to 256 receivers on the network without violating the
RS-485 specification’s 32 unit load maximum and without using
repeaters.
Receiver inputs feature a “Full Fail-Safe” design, which ensures
a logic high Rx output if Rx inputs are floating, shorted, or
terminated but undriven.
The ISL3280E and ISL3284E feature an always enabled Rx;
the ISL3281E and ISL3285E feature an active high Rx enable
pin and the ISL3282E and ISL3283E include an active low
enable pin. All versions are offered in Industrial and Extended
Industrial (-40°C to +125°C) temperature ranges.
A 26% smaller footprint is available with the ISL3282E and
ISL3285E TDFN package. These devices, plus the ISL3284E,
also feature a logic supply pin (VL) that sets the VOH level of
the RO output (and the switching points of the RE/RE input) to
be compatible with another supply voltage in mixed voltage
systems.
For companion single RS-485 transmitters in micro packages,
please see the ISL3293E datasheet.

Features
• IEC61000 ESD protection on RS-485 inputs . . . . . . . ±16.5kV
- Class 3 ESD level on all other pins. . . . . . . . . . . .>5kV HBM
• Pb-free (RoHS compliant)
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . 3.0V to 5.5V
• Specified for +125°C operation
• Logic supply pin (VL) eases operation in mixed supply
systems (ISL3282E, ISL3284E, ISL3285E only)
• Full fail-safe (open, short, terminated/undriven)
• True 1/8 unit load allows up to 256 devices on the bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . up to 20Mbps
• Low quiescent supply current. . . . . . . . . . . . . . . 500µA (max)
- Very low shutdown supply current . . . . . . . . . . 20µA (max)
• -7V to +12V common mode input voltage range
• Tri-statable Rx available (active low or high EN input)
• 5V tolerant logic inputs when VCC ≤ 5V

Applications
• Clock distribution
• High node count systems
• Space constrained systems
• Security camera networks
• Building environmental control/lighting systems
• Industrial/process control networks




Similar Part No. - ISL3280E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
October 18, 2007
ISL3280E INTERSIL-ISL3280E Datasheet
210Kb / 4P
World?셲 Most Power-Effi cient
ISL3280E INTERSIL-ISL3280E Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
Clock distribution
ISL3280E RENESAS-ISL3280E Datasheet
998Kb / 16P
±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Rev 4.01 Mar 31, 2022
More results


Similar Description - ISL3280E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
October 18, 2007
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
September 19, 2007
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
November 19, 2009
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com