Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C5121 Datasheet (PDF) - ATMEL Corporation

T89C5121 Datasheet PDF - ATMEL Corporation
Part # T89C5121
Download  T89C5121 Download
File Size   800.91 Kbytes
Page   110 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with Multi protocol SMART Card Interface

T89C5121 Datasheet (PDF)

Go To PDF Page Download Datasheet
T89C5121 Datasheet PDF - ATMEL Corporation

Part # T89C5121
Download  T89C5121 Click to download

File Size   800.91 Kbytes
Page   110 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with Multi protocol SMART Card Interface

T89C5121 Datasheet (HTML) - ATMEL Corporation


T89C5121 Product details

Description
T8xC5121 is a high performance CMOS ROM/CRAM derivative of the 80C51 CMOS single chip 8-bit microcontrollers.

Features
• 80C51 Core
    – 12 or 6 Clocks per Instruction (X1 and X2 Modes)
    – 256 Bytes Scratchpad RAM
    – Dual Data Pointer
    – Two 16-bit Timer/Counters: T0 and T1
• T83C5121 with 16 Kbytes Mask ROM
• T85C5121 with 16 Kbytes Code RAM
• T89C5121 with 16 Kbytes Code RAM and 16 Kbytes EEPROM
• On-chip Expanded RAM (XRAM): 256 Bytes
• Versatile Host Serial Interface
    – Full-duplex Enhanced UART (EUART) with Dedicated Baud Rate Generator (BRG): Most Standard Speeds up to 230K bits/s at 7.36 MHz
    – Output Enable Input
    – Multiple Logic Level Shifters Options (1.8V to VCC)
    – Automatic Level Shifter Option
• Multi-protocol Smart Card Interface
    – Certified with Dedicated Firmware According to ISO 7816, EMV2000, GIE-CB, GSM 11.12V and WHQL Standards
    – Asynchronous Protocols T = 0 and T = 1 with Direct and Inverse Modes
    – Baud Rate Generator Supporting All ISO7816 Speeds up to D = 32/F = 372
    – Parity Error Detection and Indication
    – Automatic Character Repetition on Parity Errors
    – Programmable Timeout Detection
    – Card Clock Stop High or Low for Card Power-down Mode
    – Support Synchronous Card with C4 and C8 Programmable Outputs
    – Card Detection and Automatic De-activation Sequence
    – Step-up/down Converter with Programmable Voltage Output: 5V, 3V (± 8% at 60 mA) and 1.8V (±8% at 20 mA)
    – Direct Connection to Smart Card Terminals: Short Circuit Current Limitation Logic Level Shifters
    4 kV ESD Protection (MIL/STD 833 Class 3)
• Alternate Card Support with CLK, I/O and RST According to GSM 11.12V Standard
• 2x I/O Ports: 6 I/O Port1 and 8 I/O Port3
• 2x LED Outputs with Programmable Current Sources: 2, 4, or 10 mA
• Hardware Watchdog
• Reset Output Includes
    – Hardware Watchdog Reset
    – Power-on Reset (POR)
    – Power-fail Detector (PFD)
• 4-level Priority Interrupt System with 7 Sources
• 7.36 to 16 MHz On-chip Oscillator with Clock Prescaler
• Absolute CPU Maximal Frequency: 16 MHz in X1 mode, 8MHz in X2 mode
• Idle and Power-down Modes
• Voltage Operation: 2.85V to 5.4V
• Low Power Consumption
    – 8 mA Operating Current (at 5.4V and 3.68 MHz)
    – 150 mA Maximum Current with Smart Card Power-on (at 16 MHz X1 Mode)
    – 30 μA Maximum Power-down Current at 3.0V (without Smart Card)
    – 100 μA Maximum Power-down Current at 5.4V (without Smart Card)
• Temperature Range
    – Commercial: 0 to +70°C Operating Temperature
    – Industrial: -40 to +85°C Operating Temperature
• Packages
    – SSOP24
    – QFN32
    – PLCC52




Similar Part No. - T89C5121

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
T89C5121 ATMEL-T89C5121 Datasheet
817Kb / 108P
8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
T89C5121-ICRIL ATMEL-T89C5121-ICRIL Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
T89C5121-ICRIL ATMEL-T89C5121-ICRIL Datasheet
817Kb / 108P
8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
T89C5121-ICSIL ATMEL-T89C5121-ICSIL Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
More results


Similar Description - T89C5121

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
8-bit Flash Microcontroller with 2-wire Interface
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
8-bit Microcontroller withI2C Interface
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
8-bit Microcontroller for Smart Card Readers
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
8-bit Flash Microcontroller with 2-wire Interface
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
8-bit Microcontroller for Smart Card Readers
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com