Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC145705P Datasheet (PDF) - Motorola, Inc

MC145705P Datasheet PDF - Motorola, Inc
Part # MC145705P
Download  MC145705P Download
File Size   232.58 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE

MC145705P Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145705P Datasheet PDF - Motorola, Inc

Part # MC145705P
Download  MC145705P Click to download

File Size   232.58 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE

MC145705P Datasheet (HTML) - Motorola, Inc


MC145705P Product details

5 Volt Only Driver/Receiver with an Integrated Standly Mode
EIA–232–E and CCITT V.28

The MC145705/06/07 are a series of silicon–gate CMOS transceiver ICs that fulfill the electrical specifications of EIA–232–E and CCITT V.28 while operating from a single + 5 V power supply. These transceiver series are high performance and low power consumption devices that are equipped with standby and output enable function.
A voltage doubler and inverter convert the + 5 V to ± 10 V. This is accomplished through an on–board 20 kHz oscillator and four inexpensive external electrolytic capacitors.
The MC145705 is composed of two drivers and three receivers, the MC145706 has three drivers and two receivers, and the MC145707 has three drivers and three receivers. These drivers and receivers are virtually identical to those of the MC145407.

Drivers:
• ± 7.5 Output Swing
• 300 Ω Power–Off Impedance
• Output Current Limiting
• TTL and CMOS Compatible Inputs
• Three–State Outputs During Standby Mode
• Hold Output OFF (MARK) State by TxEN Pin

Receivers:
• ± 25 V Input Range
• 3 to 7 kΩ Input Impedance
• 0.8 V Hysteresis for Enhanced Noise Immunity
• Three–State Outputs During Standby Mode

Charge Pumps:
• + 5 to ± 10 V Dual Charge Pump Architecture
• Supply Outputs Capable of Driving Three Drivers on the MC145403/06 Simultaneously
• Requires Four Inexpensive Electrolytic Capacitors
• On–Chip 20 kHz Oscillators




Similar Part No. - MC145705P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570D MOTOROLA-MC14570D Datasheet
486Kb / 16P
PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570P MOTOROLA-MC14570P Datasheet
486Kb / 16P
PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
More results


Similar Description - MC145705P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
2-Megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
16-Megabit 5-volt Only Serial DataFlash
logo
Zarlink Semiconductor I...
MV8870 ZARLINK-MV8870 Datasheet
205Kb / 12P
INTERGRATED DTMF RECEIVER
logo
Motorola, Inc
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145583 MOTOROLA-MC145583 Datasheet
191Kb / 8P
3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
5 Volt Only Driver
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
3.3 Volt Only Driver/Receiver
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com