Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2Y0D340K Datasheet (PDF) - Sharp Corporation

GP2Y0D340K Datasheet PDF - Sharp Corporation
Part # GP2Y0D340K
Download  GP2Y0D340K Download
File Size   36.9 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact Distance Measuring Sensors

GP2Y0D340K Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2Y0D340K Datasheet PDF - Sharp Corporation

Part # GP2Y0D340K
Download  GP2Y0D340K Click to download

File Size   36.9 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact Distance Measuring Sensors

GP2Y0D340K Datasheet (HTML) - Sharp Corporation


GP2Y0D340K Product details

■ Description
GP2Y0D340K0F is a distance measuring sensor unit, composed of an integrated combination of PSD (position sensitive detector) , IRED (infrared emitting diode) and signal processing circuit.
The variety of the reflectivity of the object, the environmental temperature and the operating duration are not influenced easily to the distance detection because of adopting the triangulation method. The output voltage of this sensor stays high in case an object exists in the specified distance range. So this sensor can also be used as proximity sensor.

■ Features
1. Digital output type
2. Detecting distance : Typ. 400 mm
3. Compact type
   Package size : 15×9.6×8.7 mm
4. Consumption current : Typ. 31 mA
5. Supply voltage : 4.5 to 5.5 V
6. High-speed measurement cycle : 8 ms

■ Applications
1. Touch-less switch
   (Sanitary equipment, Control of illumination, etc.)
2. Sensor for energy saving
   (ATM, Copier, Vending machine, Laptop computer,
   LCD monitor)
3. Amusement equipment
   (Robot, Arcade game machine)




Similar Part No. - GP2Y0D340K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0D340K SHARP-GP2Y0D340K_06 Datasheet
614Kb / 9P
Distance Measuring Sensor Unit Digital output (400 mm) type
More results


Similar Description - GP2Y0D340K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D02 SHARP-GP2D02 Datasheet
49Kb / 4P
Compact, High Sensitive Distance Measuring Sensor
GP2D12 SHARP-GP2D12 Datasheet
64Kb / 4P
General Purpose Type Distance Measuring Sensors
GP2D120 SHARP-GP2D120 Datasheet
414Kb / 10P
DISTANCE MEASURING SENSOR
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
LONG DISTANCE MEASURING SENSOR
GP2Y0A21YK SHARP-GP2Y0A21YK Datasheet
71Kb / 4P
General Purpose Type Distance Measuring Sensors
GP2Y0A710K0F SHARP-GP2Y0A710K0F Datasheet
343Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
General Purpose Distance Measuring Sensor
GP2Y0A60SZ0F SHARP-GP2Y0A60SZ0F Datasheet
690Kb / 10P
Distance Measuring Sensor Unit
GP2Y0A51SK0F SHARP-GP2Y0A51SK0F Datasheet
966Kb / 8P
Distance Measuring Sensor Unit
GP2Y0E03 SHARP-GP2Y0E03 Datasheet
743Kb / 11P
Distance Measuring Sensor Unit
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com