Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2Y0A21YK Datasheet (PDF) - Sharp Corporation

GP2Y0A21YK Datasheet PDF - Sharp Corporation
Part # GP2Y0A21YK
Download  GP2Y0A21YK Download
File Size   71.5 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description General Purpose Type Distance Measuring Sensors

GP2Y0A21YK Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2Y0A21YK Datasheet PDF - Sharp Corporation

Part # GP2Y0A21YK
Download  GP2Y0A21YK Click to download

File Size   71.5 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description General Purpose Type Distance Measuring Sensors

GP2Y0A21YK Datasheet (HTML) - Sharp Corporation


GP2Y0A21YK Product details

■ Features

1. Less influence on the color of reflective objects, reflectivity

2. Line-up of distance output/distance judgement type

   Distance output type (analog voltage) : GP2Y0A21YK

   Detecting distance : 10 to 80cm

   Distance judgement type : GP2Y0D21YK

   Judgement distance : 24cm

   (Adjustable within the range of 10 to 80cm [Optionally available])

3. External control circuit is unnecessary

4. Low cost



■ Applications

1. TVs

2. Personal computers

3. Cars

4. Copiers



 




Similar Part No. - GP2Y0A21YK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
More results


Similar Description - GP2Y0A21YK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D12 SHARP-GP2D12 Datasheet
64Kb / 4P
General Purpose Type Distance Measuring Sensors
GP2D120 SHARP-GP2D120 Datasheet
414Kb / 10P
DISTANCE MEASURING SENSOR
GP2Y0D340K SHARP-GP2Y0D340K Datasheet
36Kb / 4P
Compact Distance Measuring Sensors
GP2Y0A710K0F SHARP-GP2Y0A710K0F Datasheet
343Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
General Purpose Distance Measuring Sensor
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
GP2Y3A001K0F SHARP-GP2Y3A001K0F_06 Datasheet
416Kb / 9P
Wide angle Distance Measuring Sensor Unit Measuring distance: 4 to 30 cm 5 Analog outputs type
GP2Y3A002K0F SHARP-GP2Y3A002K0F_06 Datasheet
435Kb / 9P
Wide angle Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm 5 Analog outputs type
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F_V01 Datasheet
864Kb / 9P
Distance Measuring Sensor Unit Measuring distance : 4 to 30 cm Analog output type
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com