Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC557ALC4 Datasheet (PDF) - Analog Devices

HMC557ALC4 Datasheet PDF - Analog Devices
Part # HMC557ALC4
Download  HMC557ALC4 Download
File Size   348.87 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-terminal ceramic leadless chip carrier package

HMC557ALC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC557ALC4 Datasheet PDF - Analog Devices

Part # HMC557ALC4
Download  HMC557ALC4 Click to download

File Size   348.87 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-terminal ceramic leadless chip carrier package

HMC557ALC4 Datasheet (HTML) - Analog Devices


HMC557ALC4 Product details

GENERAL DESCRIPTION
The HMC557A is a general-purpose, double balanced mixer in a 24-terminal, ceramic leadless chip carrier, RoHS-compliant package. The device can be used as an upconverter or downconverter from 2.5 GHz to 7.0 GHz. This mixer is fabricated in a gallium arsenide (GaAs) metal semiconductor field effect transistor (MESFET) process and requires no external components or matching circuitry.

FEATURES
   Conversion loss: 8 dB
   LO to RF isolation: 50 dB
   LO to IF isolation: 35 dB
   Input third-order intercept (IP3): 18 dBm
   Input second-order intercept (IP2): 55 dBm
   LO port return loss: 8 dBm
   RF port return loss: 10 dBm
   Passive double balanced topology
   Wide IF bandwidth: dc to 3 GHz
   24-terminal ceramic leadless chip carrier package

APPLICATIONS
   WiMAX and fixed wireless
   Point to point radios
   Point to multipoint radios
   Test equipment and sensors
   Military end use




Similar Part No. - HMC557ALC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC557 HITTITE-HMC557 Datasheet
230Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC557 HITTITE-HMC557 Datasheet
222Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
logo
Micross Components
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
Microwave Radio
logo
Hittite Microwave Corpo...
HMC557LC4 HITTITE-HMC557LC4 Datasheet
203Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC557LC4 HITTITE-HMC557LC4 Datasheet
188Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
More results


Similar Description - HMC557ALC4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MKT-E32B NSC-MKT-E32B Datasheet
31Kb / 1P
LEADLESS CHIP CARRIER, TYPE C, 32 TERMINAL
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Vishay Siliconix
PL340 VISHAY-PL340 Datasheet
140Kb / 2P
Plastic Leadless Chip Carrier
14-Nov-02
logo
Mitsubishi Electric Sem...
MGF4953A MITSUBISHI-MGF4953A Datasheet
205Kb / 5P
SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4851A MITSUBISHI-MGF4851A Datasheet
136Kb / 5P
SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF1952A MITSUBISHI-MGF1952A Datasheet
150Kb / 5P
Microwave Power MES FET (Leadless Ceramic Package)
MGF4953B MITSUBISHI-MGF4953B Datasheet
119Kb / 5P
SUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package
logo
Amkor Technology
LCC AMKOR-LCC Datasheet
459Kb / 1P
Leadless Chip Carrier Package
logo
Microsemi Corporation
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
TT Electronics.
BCN31 TTELEC-BCN31 Datasheet
274Kb / 3P
Leadless Chip Packages
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com