Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC557 Datasheet (PDF) - Hittite Microwave Corporation

HMC557 Datasheet PDF - Hittite Microwave Corporation
Part # HMC557
Download  HMC557 Download
File Size   222.89 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz

HMC557 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC557 Datasheet PDF - Hittite Microwave Corporation

Part # HMC557
Download  HMC557 Click to download

File Size   222.89 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz

HMC557 Datasheet (HTML) - Hittite Microwave Corporation


HMC557 Product details

General Description
The HMC557 is a passive double balanced mixer that can be used as an upconverter or downconverter between 2.5 and 7 GHz. The miniature monolithic mixer is fabricated in a GaAs MESFET process, and requires no external components or matching circuitry. The HMC557 operates with LO drive levels as low as +9 dBm and provides excellent LO to RF and LO to IF isolation due to optimized balun structures. Measurements were made with the chip mounted into in a 50 ohm test fi xture and includes the parasitic effects of wire bond assembly. Connections were made with a 1 mil wire bond with minimal length (<12 mil).

Features
   High LO/RF Isolation: 48 dB
   Wide IF Bandwidth: DC - 3 GHz
   Passive Double Balanced Topology
   Low Conversion Loss: 7 dB
   Small Size: 1.02 x 0.94 x 0.1 mm

Typical Applications
The HMC557 is ideal for:
• WiMAX & Fixed Wireless
• Microwave Radio
• Military & Space
• Communications, Radar & EW
• Test Equipment & Sensors




Similar Part No. - HMC557

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC557 HITTITE-HMC557 Datasheet
230Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
logo
Micross Components
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
Microwave Radio
logo
Analog Devices
HMC557A AD-HMC557A Datasheet
348Kb / 23P
24-terminal ceramic leadless chip carrier package
REV. C
HMC557ALC4 AD-HMC557ALC4 Datasheet
348Kb / 23P
24-terminal ceramic leadless chip carrier package
REV. C
HMC557ALC4TR AD-HMC557ALC4TR Datasheet
348Kb / 23P
24-terminal ceramic leadless chip carrier package
REV. C
More results


Similar Description - HMC557

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC557LC4 HITTITE-HMC557LC4 Datasheet
188Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC557 HITTITE-HMC557_09 Datasheet
230Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC557LC4 HITTITE-HMC557LC4_09 Datasheet
203Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC560 HITTITE-HMC560_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
logo
Analog Devices
HMC219B AD-HMC219B Datasheet
452Kb / 27P
2.5 GHz to 7.0 GHz GaAs, MMIC Fundamental Mixer
10/2017-Rev. 0 to Rev. A
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com