Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC561LP3E Datasheet (PDF) - Analog Devices

HMC561LP3E Datasheet PDF - Analog Devices
Part # HMC561LP3E
Download  HMC561LP3E Download
File Size   365.13 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RoHS Compliant 3x3 mm SMT Package

HMC561LP3E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC561LP3E Datasheet PDF - Analog Devices

Part # HMC561LP3E
Download  HMC561LP3E Click to download

File Size   365.13 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RoHS Compliant 3x3 mm SMT Package

HMC561LP3E Datasheet (HTML) - Analog Devices


HMC561LP3E Product details

General Description
The HMC561LP3(E) is a x2 active broadband frequency multiplier utilizing GaAs PHEMT technology in a leadless RoHS compliant SMT package. When driven by a +5 dBm signal, the multiplier provides +14 dBm typical output power from 8 to 21 GHz and the Fo and 3Fo isolations are 15 dBc at 16 GHz. The HMC561LP3(E) is ideal for use in LO multiplier chains for Pt to Pt & VSAT Radios yielding reduced parts count vs. traditional approaches. The low additive SSB Phase Noise of -139 dBc/Hz at 100 kHz offset helps maintain good system noise performance. The RoHS packaged HMC561LP3(E) eliminates the need for wire bonding, and allows the use of surface mount manufacturing techniques. For availability on NonRoHS compliant HMC561LP3 product please contact Hittite Microwave sales directly.

Features
   High Output Power: +14 dBm
   Low Input Power Drive: 0 to +6 dBm
   Fo Isolation: 15 dBc @ Fout= 16 GHz
   100 KHz SSB Phase Noise: -139 dBc/Hz
   RoHS Compliant 3x3 mm SMT Package

Typical Applications
The HMC561LP3E are suitable for:
• Clock Generation Applications:
   SONET OC-192 & SDH STM-64
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military & Space




Similar Part No. - HMC561LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC561LP3E HITTITE-HMC561LP3E Datasheet
353Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561LP3E HITTITE-HMC561LP3E Datasheet
252Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
More results


Similar Description - HMC561LP3E

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXX2016 AXTAL-AXX2016 Datasheet
56Kb / 2P
Quartz Crystal Unit in SMD package 2.0x1.6 mm RoHS compliant
2006-03-18
AXX2520 AXTAL-AXX2520 Datasheet
57Kb / 2P
Quartz Crystal Unit in SMD package 2.5x2.0 mm RoHS compliant
2006-03-18
AXX3225 AXTAL-AXX3225 Datasheet
56Kb / 2P
Quartz Crystal Unit in SMD package 3.2x2.5 mm RoHS compliant
2006-03-18
logo
Dialight Corporation
C-17405 DIALIGHT-C-17405 Datasheet
215Kb / 1P
SMT LED RoHS COMPLIANT
logo
Littelfuse
S-2025L LITTELFUSE-S-2025L Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
logo
AIMTEC
AM2DS-Z AIMTEC-AM2DS-Z Datasheet
151Kb / 3P
RoHS compliant SIP7 package
logo
Silicon Laboratories
SI4455 SILABS-SI4455 Datasheet
1Mb / 40P
20-Pin 3x3 mm QFN package
logo
Analog Devices
HMC447LC3 AD-HMC447LC3 Datasheet
397Kb / 8P
RoHS Compliant 3x3 mm SMT Package
HMC573LC3B AD-HMC573LC3B Datasheet
337Kb / 6P
RoHS Compliant 3x3 mm SMT Package
logo
SMSC Corporation
EVB-USB82640 SMSC-EVB-USB82640 Datasheet
853Kb / 8P
48-pin QFN (RoHS compliant) package
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com