Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2111CT Datasheet (PDF) - NXP Semiconductors

PCF2111CT Datasheet PDF - NXP Semiconductors
Part # PCF2111CT
Download  PCF2111CT Download
File Size   205.77 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Supply voltage 2.25 to 6.0V

PCF2111CT Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF2111CT Datasheet PDF - NXP Semiconductors

Part # PCF2111CT
Download  PCF2111CT Click to download

File Size   205.77 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Supply voltage 2.25 to 6.0V

PCF2111CT Datasheet (HTML) - NXP Semiconductors


PCF2111CT Product details

GENERAL DESCRIPTION

The PCF21xxC family are single-chip, silicon gate CMOS LCD driver circuits. A 3-line bus (CBUS) structure enables serial data transfer with microcontrollers. All inputs are CMOS/NMOS compatible.

The devices have the same function and performance as those of the PCF21xx family, which they supersede. The maximum operating voltage required is reduced from 6.5 to 6.0 V.



FEATURES

• Supply voltage 2.25 to 6.0 V

• Low current consumption

• Serial data input

• CBUS control

• One-point built-in oscillator

• Stand-alone or expanded system

• Power-on reset clear

• LCD segments

   – 40 (PCF2100C)

   – 64 (PCF2111C)

   – 32 (PCF2112C)

• Multiplex rate

   – 1 : 2 (PCF2100C)

   – 1 : 2 (PCF2111C)

   – 1 : 1 (PCF2112C)

• Word length

   – 22 bits (PCF2100C)

   – 34 bits (PCF2111C)

   – 34 bits (PCF2112C).



 




Similar Part No. - PCF2111CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2111CT PHILIPS-PCF2111CT Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF2111CT PHILIPS-PCF2111CT Datasheet
147Kb / 24P
LCD drivers
1997 Mar 28
PCF2111CT NXP-PCF2111CT Datasheet
258Kb / 25P
LCD drivers
Rev. 3 - 6 May 2015
PCF2111CT/1 NXP-PCF2111CT/1 Datasheet
258Kb / 25P
LCD drivers
Rev. 3 - 6 May 2015
More results


Similar Description - PCF2111CT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP601 MICROCHIP-MCP601_07 Datasheet
611Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP602I-P MICROCHIP-MCP602I-P Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
2007
logo
First Components Intern...
FVD61C FCI-FVD61C Datasheet
392Kb / 4P
FVD61C 50mA STANDARD VOLTAGE DETECTORS Operation voltage range:1.2V to 6.0V
logo
Microchip Technology
MCP602T-I MICROCHIP-MCP602T-I Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP609-I MICROCHIP-MCP609-I Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
MCP604T-I MICROCHIP-MCP604T-I Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP601T-E MICROCHIP-MCP601T-E Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP602-E MICROCHIP-MCP602-E Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP604-I MICROCHIP-MCP604-I Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
logo
Lowpower Semiconductor ...
LP2206 POWER-LP2206 Datasheet
442Kb / 8P
Wide Operating Voltage Ranges : 2.5V to 6.0V
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com