Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1631A Datasheet (PDF) - Dallas Semiconductor

DS1631A Datasheet PDF - Dallas Semiconductor
Part # DS1631A
Download  DS1631A Download
File Size   243.49 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description High-Precision Digital Thermometer and Thermostat

DS1631A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1631A Datasheet PDF - Dallas Semiconductor

Part # DS1631A
Download  DS1631A Click to download

File Size   243.49 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description High-Precision Digital Thermometer and Thermostat

DS1631A Datasheet (HTML) - Dallas Semiconductor


DS1631A Product details

DESCRIPTION

The DS1631, DS1631A, and DS1731 digital thermometers provide 9, 10, 11, or 12-bit temperature readings over a -55°C to +125°C range. The DS1631 and DS1631A thermometer accuracy is ±0.5°C from 0°C to +70°C with 3.0V ≤ VDD ≤ 5.5V, and the DS1731 accuracy is ±1°C from -10°C to +85°C with 3.0V ≤ VDD ≤ 5.5V. The thermostat on all three devices provides custom hysteresis with user-defined trip points (TH and TL). The TH and TL registers and thermometer configuration settings are stored in NV EEPROM so they can be programmed prior to installation. In addition, the DS1631A automatically begins taking temperature measurements at power-up, which allows it to function as a stand-alone thermostat. Communication with the DS1631/DS1631A/DS1731 is achieved through a 2-wire serial interface, and three address pins allow up to eight devices to be multidropped on the same 2-wire bus.



FEATURES

ƒ DS1631 and DS1631A Provide ±0.5°C Accuracy over a 0°C to +70°C Range

ƒ DS1731 Provides ±1°C Accuracy over a -10°C to +85°C Range

ƒ DS1631A Automatically Begins Taking Temperature Measurements at Power-Up

ƒ Operating Temperature Range: -55°C to +125°C (-67°F to +257°F)

ƒ Temperature Measurements Require No External Components

ƒ Output Resolution is User-Selectable to 9, 10, 11, or 12 Bits

ƒ Wide Power-Supply Range (+2.7V to +5.5V)

ƒ Converts Temperature-to-Digital Word in 750ms (max)

ƒ Multidrop Capability Simplifies Distributed Temperature-Sensing Applications

ƒ Thermostatic Settings are User-Definable and Nonvolatile (NV)

ƒ Data is Read/Written Through 2-Wire Serial Interface (SDA and SCL Pins)

ƒ All Three Devices are Available in 8-Pin μSOP Packages and the DS1631 is Also Available in a 150mil SO package—see Table 1 for Ordering Information




Similar Part No. - DS1631A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631A MAXIM-DS1631A Datasheet
196Kb / 15P
High-Precision Digital Thermometer and Thermostat
102307
DS1631AU MAXIM-DS1631AU Datasheet
196Kb / 15P
High-Precision Digital Thermometer and Thermostat
102307
DS1631AU+ MAXIM-DS1631AU+ Datasheet
196Kb / 15P
High-Precision Digital Thermometer and Thermostat
102307
More results


Similar Description - DS1631A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
High-Precision Digital Thermometer and Thermostat
102307
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com