Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMA1016XT Datasheet (PDF) - NXP Semiconductors

UMA1016XT Datasheet PDF - NXP Semiconductors
Part # UMA1016XT
Download  UMA1016XT Download
File Size   86.35 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Frequency synthesizer for radio communication equipment

UMA1016XT Datasheet (PDF)

Go To PDF Page Download Datasheet
UMA1016XT Datasheet PDF - NXP Semiconductors

Part # UMA1016XT
Download  UMA1016XT Click to download

File Size   86.35 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Frequency synthesizer for radio communication equipment

UMA1016XT Datasheet (HTML) - NXP Semiconductors


UMA1016XT Product details

GENERAL DESCRIPTION
The UMA1016xT is a low power synthesizer for radio communications. Manufactured in bipolar technology, it is designed for a 70 to 1000 kHz channel spacing in the 500 to 1000 MHz band. The channel is programmed via a 3-wire serial bus. The internal dual register architecture allows a single synthesizer to be used in TDD systems. Fast switching between transmit and receive frequencies is achieved without the need for bus overhead. It also incorporates a sensitive, low power RF divider and a dead-zone-eliminated 3-state phase comparator. A power-down mode enables the circuit to be idled.

FEATURES
• RF input frequencies to 1 GHz
• Fully programmable RF divider
• 3-wire serial bus interface
• On-chip 3 to 16 MHz crystal oscillator
• Mask programmable ÷2 to ÷31 reference divider ratio
• Up to 1 MHz channel spacing
• Crystal frequency buffered output
• Dual register architecture for fast Tx/Rx switching in TDD single synthesizer systems
• Phase detector compensated for supply and temperature variations
• Power-down mode.

APPLICATIONS
• 900 MHz cordless telephones
• Portable battery-powered radio equipment.




Similar Part No. - UMA1016XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1014 PHILIPS-UMA1014 Datasheet
90Kb / 17P
Low-power frequency synthesizer for mobile radio communications
October 1992
UMA1014T PHILIPS-UMA1014T Datasheet
90Kb / 17P
Low-power frequency synthesizer for mobile radio communications
October 1992
UMA1015AM PHILIPS-UMA1015AM Datasheet
159Kb / 24P
Low-power dual frequency synthesizer for radio communications
1997 Sep 03
UMA1015M PHILIPS-UMA1015M Datasheet
229Kb / 24P
Low-power dual frequency synthesizer for radio communications
1995 Jun 22
UMA1015M/C2 PHILIPS-UMA1015M/C2 Datasheet
229Kb / 24P
Low-power dual frequency synthesizer for radio communications
1995 Jun 22
More results


Similar Description - UMA1016XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1017M PHILIPS-UMA1017M Datasheet
171Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1995 Jul 10
UMA1019AM PHILIPS-UMA1019AM Datasheet
134Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1019M PHILIPS-UMA1019M Datasheet
134Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1021AM PHILIPS-UMA1021AM Datasheet
104Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1998 Nov 19
logo
Toshiba Semiconductor
TC9181P TOSHIBA-TC9181P Datasheet
480Kb / 12P
PLL FREQUENCY SYNTHESIZER LSI FOR COMMUNICATION USE
TC9223P TOSHIBA-TC9223P Datasheet
427Kb / 10P
PLL FREQUENCY SYNTHESIZER LSI FOR COMMUNICATION USE
logo
ATMEL Corporation
U4256BM-R ATMEL-U4256BM-R Datasheet
403Kb / 19P
Frequency Synthesizer for Radio Tuning
logo
TEMIC Semiconductors
U4256BM TEMIC-U4256BM Datasheet
322Kb / 14P
Frequency Synthesizer for Radio Tuning
logo
ATMEL Corporation
ATR4256 ATMEL-ATR4256 Datasheet
522Kb / 21P
Frequency Synthesizer for Radio Tuning
U4256BM ATMEL-U4256BM Datasheet
167Kb / 14P
Frequency Synthesizer for Radio Tuning
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com