Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6257GTR Datasheet (PDF) - List of Unclassifed Manufacturers

MS6257GTR Datasheet PDF - List of Unclassifed Manufacturers
Part # MS6257GTR
Download  MS6257GTR Download
File Size   356.83 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB

MS6257GTR Datasheet (PDF)

Go To PDF Page Download Datasheet
MS6257GTR Datasheet PDF - List of Unclassifed Manufacturers

Part # MS6257GTR
Download  MS6257GTR Click to download

File Size   356.83 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB

MS6257GTR Datasheet (HTML) - List of Unclassifed Manufacturers


MS6257GTR Product details

[MOSA]

DESCRIPTION
The MS6257 is the stereo audio volume controller IC. It uses CMOS technology specially for the low voltage application with low noise, rail-to-rail output. The MS6257 provide an I2C control interface with gain / attenuation range of 15dB to –79dB, 1dB/step. The initial condition is set to be maximum attenuation –79dB and mute on mode when the power is up.

FEATURES
• Operation range: 2.7V~5.5V
• Low power consumption
• Gain/Attenuation: 15dB to –79dB at 1dB/step
• Housed in 8 pin SOP package
• I2C interface

APPLICATIONS
• Multimedia system
• Hi-Fi audio system
• MP3, PDA
• Cross-reference PT2257, PT2259




Similar Part No. - MS6257GTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6257GTR MOSA-MS6257GTR Datasheet
468Kb / 15P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6257GTR MOSA-MS6257GTR Datasheet
565Kb / 17P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
More results


Similar Description - MS6257GTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258 Datasheet
481Kb / 12P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6266 MOSA-MS6266 Datasheet
441Kb / 11P
6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6257 MOSA-MS6257_1 Datasheet
565Kb / 17P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258_1 Datasheet
405Kb / 17P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260_1 Datasheet
291Kb / 14P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6266 MOSA-MS6266_1 Datasheet
381Kb / 13P
6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com