Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC2-50 Datasheet (PDF) - List of Unclassifed Manufacturers

KC2-50 Datasheet PDF - List of Unclassifed Manufacturers
Part # KC2-50
Download  KC2-50 Download
File Size   151.36 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Frequency Multiplier

KC2-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
KC2-50 Datasheet PDF - List of Unclassifed Manufacturers

Part # KC2-50
Download  KC2-50 Click to download

File Size   151.36 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Frequency Multiplier

KC2-50 Datasheet (HTML) - List of Unclassifed Manufacturers


KC2-50 Product details

[Mini-Circuits]

Features
• low conversion loss, 12.5 dB typ.
• LTCC design
• low profile, 0.085"
• low cost

Applications
• synthesizers
• local oscillators




Similar Part No. - KC2-50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-11 MINI-KC2-11 Datasheet
196Kb / 1P
Surface Mount Frequency Multiplier Output 1.0 to 2.2 GHz
KC2-19 MINI-KC2-19 Datasheet
146Kb / 1P
Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz
KC2-36 MINI-KC2-36 Datasheet
153Kb / 1P
Surface Mount Frequency Multiplier Output 3.4 to 7.2 GHz
More results


Similar Description - KC2-50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-3-722+ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
RMK-3-1262+ MINI-RMK-3-1262+ Datasheet
150Kb / 1P
Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
Frequency Multiplier
RMK-5-571 MINI-RMK-5-571 Datasheet
373Kb / 3P
Frequency Multiplier
RMK-5-2251 MINI-RMK-5-2251 Datasheet
316Kb / 3P
Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
Frequency Multiplier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com