Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC2-19 Datasheet (PDF) - Mini-Circuits

KC2-19 Datasheet PDF - Mini-Circuits
Part # KC2-19
Download  KC2-19 Download
File Size   146.69 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz

KC2-19 Datasheet (PDF)

Go To PDF Page Download Datasheet
KC2-19 Datasheet PDF - Mini-Circuits

Part # KC2-19
Download  KC2-19 Click to download

File Size   146.69 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz

KC2-19 Datasheet (HTML) - Mini-Circuits


KC2-19 Product details

Features
• low conversion loss, 10.5 dB typ.
• LTCC design
• low profile, 0.085"
• low cost

Applications
• synthesizers
• local oscillators




Similar Part No. - KC2-19

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-11 MINI-KC2-11 Datasheet
196Kb / 1P
Surface Mount Frequency Multiplier Output 1.0 to 2.2 GHz
More results


Similar Description - KC2-19

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-11 MINI-KC2-11 Datasheet
196Kb / 1P
Surface Mount Frequency Multiplier Output 1.0 to 2.2 GHz
KC2-36 MINI-KC2-36 Datasheet
153Kb / 1P
Surface Mount Frequency Multiplier Output 3.4 to 7.2 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6120 AVAGO-AMMP-6120 Datasheet
282Kb / 7P
8-24 GHz x2 Frequency Multiplier 5x5mm Surface Mount Package
AMMC-6140 AVAGO-AMMC-6140 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
AMMC-6140 AVAGO-AMMC-6140_15 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
logo
Broadcom Corporation.
AMMC-6140 BOARDCOM-AMMC-6140 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
AMMC-6120 BOARDCOM-AMMC-6120 Datasheet
200Kb / 8P
8 ??24 GHz Output 횞 2 Active Frequency Multiplier
logo
Analog Devices
HMC8342 AD-HMC8342 Datasheet
283Kb / 11P
GaAs MMIC 횞2 Active Frequency Multiplier, 22 GHz to 42 GHz Output
Jun-2021
ADH814S AD-ADH814S Datasheet
737Kb / 8P
13 to 24.6 GHz Output x2 Active Frequency Multiplier
Rev. A
ADH561S AD-ADH561S Datasheet
723Kb / 8P
8 to 21 GHz Output x2 Active Frequency Multiplier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com