Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTR4024 Datasheet (PDF) - Advanced Crystal Technology

ACTR4024 Datasheet PDF - Advanced Crystal Technology
Part # ACTR4024
Download  ACTR4024 Download
File Size   233.07 Kbytes
Page   5 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description One Port Saw Resonator

ACTR4024 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTR4024 Datasheet PDF - Advanced Crystal Technology

Part # ACTR4024
Download  ACTR4024 Click to download

File Size   233.07 Kbytes
Page   5 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description One Port Saw Resonator

ACTR4024 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - ACTR4024

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTR4001 ACT-ACTR4001 Datasheet
131Kb / 3P
SAW Filter
March 2010
ACTR4002 ACT-ACTR4002 Datasheet
60Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR4002 ACT-ACTR4002 Datasheet
130Kb / 3P
SAW Filter
March 2010
ACTR4002/433.92/DCC6-1.5 ACT-ACTR4002/433.92/DCC6-1.5 Datasheet
60Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR4002/433.92/DCC6-1.5 ACT-ACTR4002/433.92/DCC6-1.5 Datasheet
130Kb / 3P
SAW Filter
March 2010
More results


Similar Description - ACTR4024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
One-port SAW Resonator
ECS-SDR1 ETC1-ECS-SDR1 Datasheet
160Kb / 1P
SMD ONE PORT SAW RESONATOR
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
ONE-PORT SAW RESONATOR
ECS-SDR1 ECS-ECS-SDR1 Datasheet
106Kb / 1P
SMD ONE PORT SAW RESONATOR
logo
Vanlong Technology Co.,...
SR224 VANLONG-SR224 Datasheet
98Kb / 2P
224.70 MHz One-Port SAW Resonator
SR318B VANLONG-SR318B Datasheet
89Kb / 2P
318.00 MHz One-Port SAW Resonator
logo
Abracon Corporation
ASR418S2 ABRACON-ASR418S2 Datasheet
1Mb / 3P
SMD ONE PORT SAW RESONATOR
02.21.11
ASR868.35E ABRACON-ASR868.35E Datasheet
1Mb / 3P
One-Port SMD SAW Resonator
09.22.15
ASR418S2-T ABRACON-ASR418S2-T Datasheet
1Mb / 3P
SMD ONE PORT SAW RESONATOR
02.21.11
logo
Golledge Electronics Lt...
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
One-Port SAW Resonator 315.0MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com