Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-DR1 Datasheet (PDF) - ECS, Inc.

ECS-DR1 Datasheet PDF - ECS, Inc.
Part # ECS-DR1
Download  ECS-DR1 Download
File Size   183.16 Kbytes
Page   1 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description ONE-PORT SAW RESONATOR

ECS-DR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECS-DR1 Datasheet PDF - ECS, Inc.

Part # ECS-DR1
Download  ECS-DR1 Click to download

File Size   183.16 Kbytes
Page   1 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description ONE-PORT SAW RESONATOR

ECS-DR1 Datasheet (HTML) - ECS, Inc.




Similar Part No. - ECS-DR1

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-DR1R ECS-ECS-DR1R Datasheet
188Kb / 1P
Ideal for wireless security and remote control applications
More results


Similar Description - ECS-DR1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
One-port SAW Resonator
ECS-SDR1 ETC1-ECS-SDR1 Datasheet
160Kb / 1P
SMD ONE PORT SAW RESONATOR
logo
ECS, Inc.
ECS-SDR1 ECS-ECS-SDR1 Datasheet
106Kb / 1P
SMD ONE PORT SAW RESONATOR
logo
Vanlong Technology Co.,...
SR224 VANLONG-SR224 Datasheet
98Kb / 2P
224.70 MHz One-Port SAW Resonator
SR318B VANLONG-SR318B Datasheet
89Kb / 2P
318.00 MHz One-Port SAW Resonator
logo
Abracon Corporation
ASR418S2 ABRACON-ASR418S2 Datasheet
1Mb / 3P
SMD ONE PORT SAW RESONATOR
02.21.11
ASR868.35E ABRACON-ASR868.35E Datasheet
1Mb / 3P
One-Port SMD SAW Resonator
09.22.15
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
One Port Saw Resonator
2-6-2011
logo
Abracon Corporation
ASR418S2-T ABRACON-ASR418S2-T Datasheet
1Mb / 3P
SMD ONE PORT SAW RESONATOR
02.21.11
logo
Golledge Electronics Lt...
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
One-Port SAW Resonator 315.0MHz
More results




About ECS, Inc.


ECS, Inc. (Electronic Component Solutions) is a global electronic component manufacturer and supplier. The company offers a wide range of products, including crystals, oscillators, resonators, filters, and capacitors, to name a few. ECS, Inc. serves a variety of industries, including telecommunications, automotive, consumer electronics, and industrial applications.

The company was founded in 1980 and is headquartered in Olathe, Kansas, USA. ECS, Inc. has manufacturing facilities and sales offices located throughout the world, including the United States, China, Taiwan, and Singapore. With over 35 years of experience, ECS, Inc. has established itself as a leader in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com