Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-DR1R Datasheet (PDF) - ECS, Inc.

ECS-DR1R Datasheet PDF - ECS, Inc.
Part # ECS-DR1R
Download  ECS-DR1R Download
File Size   188.44 Kbytes
Page   1 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description Ideal for wireless security and remote control applications

ECS-DR1R Datasheet (PDF)

Go To PDF Page Download Datasheet
ECS-DR1R Datasheet PDF - ECS, Inc.

Part # ECS-DR1R
Download  ECS-DR1R Click to download

File Size   188.44 Kbytes
Page   1 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description Ideal for wireless security and remote control applications

ECS-DR1R Datasheet (HTML) - ECS, Inc.




Similar Part No. - ECS-DR1R

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
ONE-PORT SAW RESONATOR
ECS-DR1-3180 ECS-ECS-DR1-3180 Datasheet
183Kb / 1P
ONE-PORT SAW RESONATOR
More results


Similar Description - ECS-DR1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV3012 STMICROELECTRONICS-STV3012 Datasheet
140Kb / 8P
REMOTE CONTROL TRANSMITTER FOR AUDIO AND VIDEO APPLICATIONS
Mar-1993
logo
Microchip Technology
41646A MICROCHIP-41646A Datasheet
1Mb / 50P
Wireless Security Remote Control Development Kit User?셲 Guide
2012
logo
Texas Instruments
CC1101RTKR TI-CC1101RTKR Datasheet
2Mb / 105P
Wireless alarm and security systems, Industrial monitoring and control
logo
Murata Manufacturing Co...
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
Designed for European 433.92 MHz Remote Control and Security Transmitters
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
Ideal for 318 MHz Remote Control and Security Transmitters
RO3144D MURATA-RO3144D Datasheet
249Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
logo
Transcend Information. ...
TS128GUSD350V TRANSCEND-TS128GUSD350V Datasheet
619Kb / 3P
Ideal for dashcams, security cameras, and surveillance systems
logo
AUREL S.p.A.
650201377G AUREL-650201377G Datasheet
93Kb / 1P
FOR WIRELESS NETWORK 868 MHz 4Ch Remote Control
15.10.2016 - Rev A
logo
Silvan Chip Electronics...
CIR2272GM SILVAN-CIR2272GM Datasheet
441Kb / 2P
Wireless remote control decoding circuit
More results




About ECS, Inc.


ECS, Inc. (Electronic Component Solutions) is a global electronic component manufacturer and supplier. The company offers a wide range of products, including crystals, oscillators, resonators, filters, and capacitors, to name a few. ECS, Inc. serves a variety of industries, including telecommunications, automotive, consumer electronics, and industrial applications.

The company was founded in 1980 and is headquartered in Olathe, Kansas, USA. ECS, Inc. has manufacturing facilities and sales offices located throughout the world, including the United States, China, Taiwan, and Singapore. With over 35 years of experience, ECS, Inc. has established itself as a leader in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com