Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3012 Datasheet (PDF) - STMicroelectronics

STV3012 Datasheet PDF - STMicroelectronics
Part # STV3012
Download  STV3012 Download
File Size   140.25 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description REMOTE CONTROL TRANSMITTER FOR AUDIO AND VIDEO APPLICATIONS

STV3012 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV3012 Datasheet PDF - STMicroelectronics

Part # STV3012
Download  STV3012 Click to download

File Size   140.25 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description REMOTE CONTROL TRANSMITTER FOR AUDIO AND VIDEO APPLICATIONS

STV3012 Datasheet (HTML) - STMicroelectronics


STV3012 Product details

DESCRIPTION
The STV3012 is a general purpose infrared remote control transmitter system for low voltage supply applications. It is able to generate a total number of 448 commands which are divided into 7 sub-system groups with 64 commands each. The sub-system code may be selected by a press button, a
slider switch or hard wired. Two different timing and data format modes are available.

.TWO TIMING AND DATA FORMAT MODES
.7 SUB-SYSTEM ADDRESSES
.UP TO 64 COMMANDS PER SUB-SYSTEM
ADDRESS
.KEY RELEASE DETECTION BY TOGGLE BIT (1 toggle bit in mode A and 2 toggle bits in mode B)
.HIGH CURRENT REMOTE OUTPUT AT VDD= 3V (-IOH= 80mA)
.VERY LOW STAND-BY CURRENT (< 2µA)
.1mA OPERATIONAL CURRENT AT 6V SUPPLY
.CERAMIC RESONATOR CONTROLLED FREQUENCY (typ. 450kHz)
.MODULATED TRANSMISSION
.SUPPLY VOLTAGE RANGE 2V TO 6.5V
.LOW NUMBER OF EXTERNAL COMPONENTS




Similar Part No. - STV3012

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
STV300GB-Y0 YHDC-STV300GB-Y0 Datasheet
10Mb / 1P
3 Phase voltage type voltage transformer
logo
STMicroelectronics
STV300NH02L STMICROELECTRONICS-STV300NH02L Datasheet
310Kb / 9P
N-channel 24V - 0.8mOHM - 280A - PowerSO-10 STripFET TM Power MOSFET
08-Feb-2007
STV300NH02L STMICROELECTRONICS-STV300NH02L_1 Datasheet
420Kb / 12P
N-channel 24V - 0.8mΩ - 280A - PowerSO-10 STripFET??Power MOSFET
13-Sep-2007
More results


Similar Description - STV3012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
Remote control transmitter
August 1982
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Toshiba Semiconductor
TC9148P TOSHIBA-TC9148P Datasheet
636Kb / 10P
FOR INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
Remote Control Transmitter
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
REMOTE CONTROL TRANSMITTER
SC9148B ETC-SC9148B Datasheet
83Kb / 9P
FOR INFRARED REMOTE CONTROL TRANSMITTER
logo
STMicroelectronics
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
Remote Control Transmitter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com