Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3012 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV3012
Description  REMOTE CONTROL TRANSMITTER FOR AUDIO AND VIDEO APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3012 Datasheet(HTML) 3 Page - STMicroelectronics

  STV3012 Datasheet HTML 1Page - STMicroelectronics STV3012 Datasheet HTML 2Page - STMicroelectronics STV3012 Datasheet HTML 3Page - STMicroelectronics STV3012 Datasheet HTML 4Page - STMicroelectronics STV3012 Datasheet HTML 5Page - STMicroelectronics STV3012 Datasheet HTML 6Page - STMicroelectronics STV3012 Datasheet HTML 7Page - STMicroelectronics STV3012 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
Tamb = 25
oC, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CONTROL INPUT ADRM
VIL
Input Voltage Low
0.3 x VDD
V
VIH
Input Voltage High
0.7 x VDD
V
IIL
Input Current Low
(switched P and N
channel pull-up/pull down)
Pull-up Act. Oper. Condition, VIN = VSS
VDD = 2V
VDD = 6.5V
-10
-100
-100
-600
µA
µA
IIH
Input Current High
(switched P and N
channel pull-up/pull down)
Pull-down Act. Stand-by Cond.,VIN = VDD
VDD = 2V
VDD = 6.5V
10
100
100
600
µA
µA
DATA OUTPUT REMO
- IOH
Output Current High
VDD = 2.5V, VOH = 0.8V, TA = 70
oC
VDD = 2.5V, VOH = 0.8V, TA = 25
oC
VDD = 6.5V, VOH = 5V
70
80
80
mA
mA
mA
IOL
Output Current Low
VDD = 2V, VOL = 0.4V
VDD = 6.5V, VOL = 0.4V
0.6
0.6
mA
mA
tOH
Pulse Length
VDD = 6.5V, Oscill. Stopped
1
msec
OSCILLATOR
II
Input Current
OSCI at VDD
VDD = 2V
VDD = 6.5V
5
5
7
µA
µA
VOH
Output Voltage high
VDD = 6.5V, - IOH = 0.1mA
VDD - 0.8
V
VOL
Output Voltage Low
VDD = 6.5V, IOL = 0.1mA
0.7
V
I - INPUTS AND OUTPUTS
I.1 - Key Matrix Inputs and Outputs (DRV0N to
DRV6N and SEN0N to SEN6N)
The transmitter keyboard is arranged as a scanned
matrix. The matrix consists of 7 driver ouputs and
7 sense inputs. The driver outputs DRV0N to
DRV6N are open drain N-channel transistors and
they are conductive in the stand-by mode. The 7
sense inputs (SEN0N to SEN6N) enable the gen-
eration of 56 command codes. With 2 external
diodes all 64 commands are addressable. The
sense inputs have P-channel pull-up transistors so
that they are HIGH until they are pulled LOW by
connecting them to an output via a key depression
to initiate a code transmission. The codes for the
selected key are given in Table 1.
I.2 - Address Mode Input (ADRM)
The sub-system address and the transmission
mode are defined by connecting the ADRM input
to one or more driver outputs (DRV0N to DRV6N)
of the key matrix. If more than one driver is con-
nected to ADRM, they must be decoupled by di-
odes. This allows the definition of seven
sub-system addresses as shown in Table 2.
The ADRM input has switched pull-up and pull-
down loads. In the stand-by mode only the pull-
down device is active. Whether ADRM is open
(sub-system address 0) or connected to the driver
outputs, this input is LOW and will not cause un-
wanted dissipation. When the transmitter becomes
active by pressing a key, the pull-down device is
switched-off and the Pull-up device is switched-on,
so that the applied driver signals are sensed for the
decoding of the sub-system address and the mode
of transmission.
The arrangement of the sub-system address cod-
ing is such that only the driver DRVnN with the
highest number (n) defines the sub-system ad-
dress, e.g. in mode B, if drivers DRV2N and DRV4N
are connected to ADRM, only DRV4N will define
the sub-system address. This option can be used
in systems requiring more than one sub-system
address. The transmitter may be hard-wire for sub-
system address 2 by connecting DRV1N to ADRM.
If now DRV3N is added to ADRM by a key or a
switch, the transmitted sub-system address
changes to 4. A change of the sub-system will not
start a transmission.
I.3 - Remote Control Signal Output (REMO)
The REMO signal output stage is a push-pull type.
In the HIGH state, a bipolar emitter-follower allows
a high output current. The timing of the data output
format is listed in Figures 1 and 2.
STV3012
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com