Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3012 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV3012
Description  REMOTE CONTROL TRANSMITTER FOR AUDIO AND VIDEO APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3012 Datasheet(HTML) 1 Page - STMicroelectronics

  STV3012 Datasheet HTML 1Page - STMicroelectronics STV3012 Datasheet HTML 2Page - STMicroelectronics STV3012 Datasheet HTML 3Page - STMicroelectronics STV3012 Datasheet HTML 4Page - STMicroelectronics STV3012 Datasheet HTML 5Page - STMicroelectronics STV3012 Datasheet HTML 6Page - STMicroelectronics STV3012 Datasheet HTML 7Page - STMicroelectronics STV3012 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STV3012
REMOTE CONTROL TRANSMITTER
FOR AUDIO AND VIDEO APPLICATIONS
March 1993
PRELIMINARY DATA
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
REMO
SEN6N
SEN5N
SEN4N
SEN3N
SEN2N
SEN1N
SEN0N
ADRM
SS
V
DD
V
DRV6N
DRV5N
DRV4N
DRV3N
DRV2N
DRV1N
DRV0N
OSCO
OSCI
PIN CONNECTIONS
DIP20
(Plastic Package)
ORDER CODE : STV3012
.
TWO TIMING AND DATA FORMAT MODES
.
7 SUB-SYSTEM ADDRESSES
.
UP TO 64 COMMANDS PER SUB-SYSTEM
ADDRESS
.
KEY RELEASE DETECTION BY TOGGLE BIT
(1 toggle bit in mode A and 2 toggle bits in
mode B)
.
HIGH CURRENT REMOTE OUTPUT
AT VDD = 3V (-IOH = 80mA)
.
VERY LOW STAND-BY CURRENT (< 2
µA)
.
1mA OPERATIONAL CURRENT AT 6V SUP-
PLY
.
CERAMIC
RESONATOR
CONTROLLED
FREQUENCY (typ. 450kHz)
.
MODULATED TRANSMISSION
.
SUPPLY VOLTAGE RANGE 2V TO 6.5V
.
LOW NUMBER OF EXTERNAL COMPO-
NENTS
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
DESCRIPTION
The STV3012 is a general purpose infrared remote
control transmitter system for low voltage supply
applications. It is able to generate a total number
of 448 commands which are divided into 7 sub-sys-
tem groups with 64 commands each. The sub-sys-
tem code may be selected by a press button, a
slider switch or hard wired. Two different timing and
data format modes are available.
1/8


Similar Part No. - STV3012

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
STV300GB-Y0 YHDC-STV300GB-Y0 Datasheet
10Mb / 1P
3 Phase voltage type voltage transformer
logo
STMicroelectronics
STV300NH02L STMICROELECTRONICS-STV300NH02L Datasheet
310Kb / 9P
N-channel 24V - 0.8mOHM - 280A - PowerSO-10 STripFET TM Power MOSFET
08-Feb-2007
STV300NH02L STMICROELECTRONICS-STV300NH02L_1 Datasheet
420Kb / 12P
N-channel 24V - 0.8mΩ - 280A - PowerSO-10 STripFET??Power MOSFET
13-Sep-2007
More results

Similar Description - STV3012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
Remote control transmitter
August 1982
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Toshiba Semiconductor
TC9148P TOSHIBA-TC9148P Datasheet
636Kb / 10P
FOR INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
Remote Control Transmitter
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
REMOTE CONTROL TRANSMITTER
SC9148B ETC-SC9148B Datasheet
83Kb / 9P
FOR INFRARED REMOTE CONTROL TRANSMITTER
logo
STMicroelectronics
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com