Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3012 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV3012
Description  REMOTE CONTROL TRANSMITTER FOR AUDIO AND VIDEO APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3012 Datasheet(HTML) 5 Page - STMicroelectronics

  STV3012 Datasheet HTML 1Page - STMicroelectronics STV3012 Datasheet HTML 2Page - STMicroelectronics STV3012 Datasheet HTML 3Page - STMicroelectronics STV3012 Datasheet HTML 4Page - STMicroelectronics STV3012 Datasheet HTML 5Page - STMicroelectronics STV3012 Datasheet HTML 6Page - STMicroelectronics STV3012 Datasheet HTML 7Page - STMicroelectronics STV3012 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
t w
H
L
REMO
S3
0
S2
11
S0
0
S1
1
G
0
T0
F
0
E
0
D
1
C
0
B
0
S3
bit
data
A
bit
T0
0
0
B
1
C
0
D
0
E
S0
0
F
1
S2
0
S1
1
1
T1
REMO
L
H
data
t w
A
1
T0
MODE B
MODE A
0
Figure 1 :
Data Format of REMO ; T0 and T1 = toggle bits ; S0, S1, S2 and S3 = sub-system address ;
A, B, C, D, E, F and G = command bits
t MH
t ML
t M
t PW
t B (bit duration)
1st bit
2nd bit
last bit
t W (word distance)
Figure 2 : Pulse Train Timing (ref. to fOSC = 400kHz)
Bit Separation (tB)
Mode A
Mode B
Logic "0"
1 x t0
2 x t0
Logic "1"
2 x t0
3 x t0
Toggle bit time
1 x t0 or 2 x t0
2 x t0 or 3 x t0
Mode
t0 (ms)
tM (
µs)
tMH (
µs)
tML (
µs)
tW (ms)
A
2.52
30
10
20
86.04
B
2.88
30
10
20
138
Mode A and B
tOSC
2.5
µs
oscillation period
tM
12 x tOSC
modulation period
tML
8 x tOSC
modulation period LOW
tMH
4 x tOSC
modulation period HIGH
Mode A
tPW
(15 x tM) + tMH
modulated pulse
t0
1008 x tOSC
basic unit of pulse distance
tW
34416 x tOSC
word distance
Mode B
tPW
(11 x tM) + tMH
modulated pulse
t0
1152 x tOSC
basic unit of pulse distance
tW
55296 x tOSC
word distance
STV3012
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com