Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3012 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV3012
Description  REMOTE CONTROL TRANSMITTER FOR AUDIO AND VIDEO APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3012 Datasheet(HTML) 2 Page - STMicroelectronics

  STV3012 Datasheet HTML 1Page - STMicroelectronics STV3012 Datasheet HTML 2Page - STMicroelectronics STV3012 Datasheet HTML 3Page - STMicroelectronics STV3012 Datasheet HTML 4Page - STMicroelectronics STV3012 Datasheet HTML 5Page - STMicroelectronics STV3012 Datasheet HTML 6Page - STMicroelectronics STV3012 Datasheet HTML 7Page - STMicroelectronics STV3012 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PARALLEL
/SERIAL
CONVERTER
REMOTE
DIVIDER
MASTER
CLEAR
OSCILLATOR
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
18
19
SYST.
CONTR
9
20
OSCO
OSCI
SEN6N
SEN5N
SEN4N
SEN3N
SEN2N
SEN1N
SEN0N
REMO
VDD
VSS
ADRM
DRV6N
DRV5N
DRV4N
DRV3N
DRV2N
DRV1N
DRV0N
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
- 0.3, 7.0
V
VI
Input Voltage
- 0.3, VDD + 0.3
V
VO
Output Voltage
- 0.3, VDD + 0.3
V
± I
D.C. Current into any input or output
10
mA
- I(REMO)
Peak REMO Output Current during 10
µs, duty factor = 1%
300
mA
Ptot
Power Dissipation per package for Tamb = - 20 to + 70
oC
200
mW
Tstg
Storage Temperature
- 55, + 125
oC
Toper
Operating Ambient Temperature
-20, + 70
oC
ELECTRICAL CHARACTERISTICS
VSS = 0V, TA = 25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
TA = 0 to + 70
oC2
6.5
V
IDD
Supply Current
• Active fOSC = 455kHz
VDD = 3V
REMO Output unload
VDD = 6V
0.25
1.0
0.5
2
mA
mA
• Inactive (stand-by mode) VDD = 6V
2
µA
fOSC
Oscill. Frequency
VDD = 2 to 6.5V (ceramic resonator)
350
600
kHz
KEYBOARD MATRIX - Inputs SEN0N to SEN6N
VIL
Input Voltage Low
VDD = 2 to 6.5V
0.3 x VDD
V
VIH
Input Voltage High
VDD = 2 to 6.5V
0.7 x VDD
V
- II
Input Current
VDD = 2V, VI = 0V
VDD = 6.5V, VI = 0V
10
100
100
600
µA
µA
II
Input Leakage Current
VDD = 6.5V, VI = VDD
1
µA
KEYBOARD MATRIX - Outputs DRV0N to DRV6N
VOL
Output Voltage "ON"
VDD = 2V, IO = 0.1mA
VDD = 6.5V, IO = 1.0mA
0.3
0.6
V
V
IO
Output Current "OFF"
VDD = 6.5V, VO = 6.5V
10
µA
STV3012
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com