Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8537 Datasheet (PDF) - List of Unclassifed Manufacturers

MAX8537 Datasheet PDF - List of Unclassifed Manufacturers
Part # MAX8537
Download  MAX8537 Download
File Size   100.04 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PLASTIC ENCAPSULATED DEVICES

MAX8537 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8537 Datasheet PDF - List of Unclassifed Manufacturers

Part # MAX8537
Download  MAX8537 Click to download

File Size   100.04 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PLASTIC ENCAPSULATED DEVICES

MAX8537 Datasheet (HTML) - List of Unclassifed Manufacturers


MAX8537 Product details

[MAXIM INTEGRATED PRODUCTS]

Device Description
General
The MAX8538 is configured as a dual out-of-phase controller for point-of-load supplies. Each buck controller can source or sink up to 25A of current, while the termination reference can supply up to 15mA output.
The MAX8538 uses constant-frequency voltage-mode architecture with operating frequencies of 200kHz to 1.4MHz.
An internal high- bandwidth (25MHz) operational amplifier is used as an error amplifier to regulate the output voltage This allows fast transient response, reducing the number of output capacitors. An all-N-FET design optimizes efficiency and cost. The MAX8538 has a 1% accurate reference.
The controller uses a high-side current-sense architecture for current limiting. ILIM pins allow the setting of an adjustable, lossless current limit for different combinations of load current and RDSON. Alternately, more accurate overcurrent limit is achieved by using a sense resistor in series with the high-side FET. Overvoltage protection is achieved by latching off the high-side MOSFET and latching on the low-side MOSFET when the output voltage exceeds 17% of its set output. Independent enable, power-good, and soft-start features enhance flexibility.




Similar Part No. - MAX8537

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8537 MAXIM-MAX8537 Datasheet
414Kb / 23P
Dual-Synchronous Buck Controllers for Point-of-Load, Tracking, and DDR Memory Power Supplies
Rev 0; 1/04
MAX8537 MAXIM-MAX8537 Datasheet
228Kb / 11P
Lossless Adjustable Hiccup Current Limit
Rev 0; 7/04
MAX8537EEI MAXIM-MAX8537EEI Datasheet
414Kb / 23P
Dual-Synchronous Buck Controllers for Point-of-Load, Tracking, and DDR Memory Power Supplies
Rev 0; 1/04
MAX8537EVKIT MAXIM-MAX8537EVKIT Datasheet
228Kb / 11P
Lossless Adjustable Hiccup Current Limit
Rev 0; 7/04
More results


Similar Description - MAX8537

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX5309EUE MAXIM-MAX5309EUE Datasheet
99Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A March 30, 2004
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com