Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8537 Datasheet (PDF) - Maxim Integrated Products

MAX8537 Datasheet PDF - Maxim Integrated Products
Part # MAX8537
Download  MAX8537 Download
File Size   414.91 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Synchronous Buck Controllers for Point-of-Load, Tracking, and DDR Memory Power Supplies

MAX8537 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8537 Datasheet PDF - Maxim Integrated Products

Part # MAX8537
Download  MAX8537 Click to download

File Size   414.91 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Synchronous Buck Controllers for Point-of-Load, Tracking, and DDR Memory Power Supplies

MAX8537 Datasheet (HTML) - Maxim Integrated Products


MAX8537 Product details

General Description
The MAX8537/MAX8539 controllers provide a complete power-management solution for both double-data-rate (DDR) and combiner supplies. The MAX8537 and MAX8539 are configured for out-of-phase and in-phase DDR power-supply operations, respectively, and generate three outputs: the main memory voltage (VDDQ), the tracking sinking/sourcing termination voltage (VTT), and the termination reference voltage (VTTR). The MAX8538 is configured as a dual out-of-phase controller for point-of-load supplies. Each buck controller can source or sink up to 25A of current, while the termination refer ence can supply up to 15mA output.

Features
♦ MAX8537/MAX8539: Complete DDR Supplies
♦ MAX8538: Dual Nontracking Controller
♦ Out-of-Phase (MAX8537/MAX8538) or In-Phase (MAX8539) Operation
♦ 4.5V to 23V Wide Input Range (Operate Down to 1.8V Input with External 5V Supply)
♦ Tracking Supply Maintains VTT = VTTR = 1/2 VDDQ
♦ Adjustable Output from 0.8V to 3.6V with 1% Accuracy
♦ VTTR Reference Sources and Sinks Up to 15mA
♦ 200kHz to 1.4MHz Adjustable Switching Frequency
♦ All-Ceramic Design Achievable
♦ >90% Efficiency
♦ Independent POK_ and EN_
♦ Adjustable Soft-Start and Soft-Stop for Each Output
♦ Lossless Adjustable-Hiccup Current Limit
♦ Output Overvoltage Protection
♦ 28-Pin QSOP Package

Applications
   DDR Memory Power Supplies
   Notebooks and Desknotes
   Servers and Storage Systems
   Broadband Routers
   XDSL Modems and Routers
   Power DSP Core Supplies
   Power Combiner in Advanced VGA Cards
   Networking Systems
   RAMBUS Memory Power Supplies




Similar Part No. - MAX8537

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAX8537 ETC-MAX8537 Datasheet
100Kb / 8P
PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX8537 MAXIM-MAX8537 Datasheet
228Kb / 11P
Lossless Adjustable Hiccup Current Limit
Rev 0; 7/04
MAX8537EVKIT MAXIM-MAX8537EVKIT Datasheet
228Kb / 11P
Lossless Adjustable Hiccup Current Limit
Rev 0; 7/04
More results


Similar Description - MAX8537

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1917 MAXIM-MAX1917 Datasheet
336Kb / 18P
Tracking, Sinking and Sourcing, Synchronous Buck Controller for DDR Memory and Termination Supplies
Rev 1; 6/02
MAX8553-MAX8554 MAXIM-MAX8553-MAX8554 Datasheet
483Kb / 24P
4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
Rev 0; 10/03
logo
Texas Instruments
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
15A High Efficiency Point of Load Synchronous Buck Regulator
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
12A High Efficiency Synchronous Point of Load Buck Regulator
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Renesas Technology Corp
ISL70005SEH RENESAS-ISL70005SEH Datasheet
1Mb / 46P
Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
Jul 28, 2022
logo
Guangdong Youtai Semico...
IRF7476TR UMW-IRF7476TR Datasheet
372Kb / 8P
High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com